| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F883-ESSSQTP bảng dữ liệu(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-ESSSQTP bảng dữ liệu(HTML) 32 Page - Microchip Technology |
|
32 / 338 page ![]() PIC16F882/883/884/886/887 DS41291G-page 32 2006-2012 Microchip Technology Inc. 2.2.2.2 OPTION Register The OPTION register, shown in Register 2-2, is a readable and writable register, which contains various control bits to configure: • Timer0/WDT prescaler • External INT interrupt •Timer0 • Weak pull-ups on PORTB REGISTER DEFINITIONS: OPTION REGISTER Note: To achieve a 1:1 prescaler assignment for Timer0, assign the prescaler to the WDT by setting PSA bit of the OPTION register to ‘1’. See Section 6.3 “Timer1 Pres- caler”. REGISTER 2-2: OPTION_REG: OPTION REGISTER R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 RBPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 RBPU: PORTB Pull-up Enable bit 1 = PORTB pull-ups are disabled 0 = PORTB pull-ups are enabled by individual PORT latch values bit 6 INTEDG: Interrupt Edge Select bit 1 = Interrupt on rising edge of INT pin 0 = Interrupt on falling edge of INT pin bit 5 T0CS: Timer0 Clock Source Select bit 1 = Transition on T0CKI pin 0 = Internal instruction cycle clock (FOSC/4) bit 4 T0SE: Timer0 Source Edge Select bit 1 = Increment on high-to-low transition on T0CKI pin 0 = Increment on low-to-high transition on T0CKI pin bit 3 PSA: Prescaler Assignment bit 1 = Prescaler is assigned to the WDT 0 = Prescaler is assigned to the Timer0 module bit 2-0 PS<2:0>: Prescaler Rate Select bits 000 001 010 011 100 101 110 111 1 : 2 1 : 4 1 : 8 1 : 16 1 : 32 1 : 64 1 : 128 1 : 256 1 : 1 1 : 2 1 : 4 1 : 8 1 : 16 1 : 32 1 : 64 1 : 128 Bit Value Timer0 Rate WDT Rate |