| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F883-ESOSQTP bảng dữ liệu(PDF) 178 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-ESOSQTP bảng dữ liệu(HTML) 178 Page - Microchip Technology |
|
178 / 338 page ![]() PIC16F882/883/884/886/887 DS41291G-page 178 2006-2012 Microchip Technology Inc. FIGURE 12-12: SYNCHRONOUS RECEPTION (MASTER MODE, SREN) TABLE 12-8: REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER RECEPTION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page BAUDCTL ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 166 INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 33 PIE1 — ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 34 PIR1 — ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 36 RCREG EUSART Receive Data Register 162 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 165 SPBRG BRG7 BRG6 BRG5 BRG4 BRG3 BRG2 BRG1 BRG0 167 SPBRGH BRG15 BRG14 BRG13 BRG12 BRG11 BRG10 BRG9 BRG8 167 TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 55 TXREG EUSART Transmit Data Register 157 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 164 Legend: x = unknown, – = unimplemented read as ‘0’. Shaded cells are not used for Synchronous Master Reception. CREN bit RX/DT Write to bit SREN SREN bit RCIF bit (Interrupt) Read RXREG ‘0’ bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 bit 7 ‘0’ Note: Timing diagram demonstrates Sync Master mode with bit SREN = 1 and bit BRGH = 0. TX/CK pin TX/CK pin pin (SCKP = 0) (SCKP = 1) |