| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F883-ESOSQTP bảng dữ liệu(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-ESOSQTP bảng dữ liệu(HTML) 54 Page - Microchip Technology |
|
54 / 338 page ![]() PIC16F882/883/884/886/887 DS41291G-page 54 2006-2012 Microchip Technology Inc. FIGURE 3-10: BLOCK DIAGRAM OF RB<7:4> TABLE 3-2: SUMMARY OF REGISTERS ASSOCIATED WITH PORTB Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page ANSELH — — ANS13 ANS12 ANS11 ANS10 ANS9 ANS8 50 CCP1CON P1M1 P1M0 DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 128 CM2CON1 MC1OUT MC2OUT C1RSEL C2RSEL — —T1GSS C2SYNC 96 IOCB IOCB7 IOCB6 IOCB5 IOCB4 IOCB3 IOCB2 IOCB1 IOCB0 51 INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 33 OPTION_REG RBPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 32 PORTB RB7 RB6 RB5 RB4 RB3 RB2 RB1 RB0 50 TRISB TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 50 WPUB WPUB7 WPUB6 WPUB5 WPUB4 WPUB3 WPUB2 WPUB1 WPUB0 51 Legend: x = unknown, u = unchanged, — = unimplemented read as ‘0’. Shaded cells are not used by PORTB. I/O Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Data Bus WR WPUB RD WPUB RD PORTB RD PORTB WR PORTB WR TRISB RD TRISB WR IOCB RD IOCB Interrupt-on- Analog(1) Input Mode RBPU Change Q3 Available on PIC16F882/PIC16F883/PIC16F886 only. Note 1: ANSELH determines Analog Input mode. 2: Applies to RB<7:6> pins only). 3: Applies to RB5 pin only. To A/D Converter 1 0 CCP1OUT Enable CCP1OUT 0 1 1 0 Analog(1) Input Mode To Timer1 T1G(3) ICSP™(2) To ICSPCLK (RB6) and ICSPDAT (RB7) |