| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F883-ESOSQTP bảng dữ liệu(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-ESOSQTP bảng dữ liệu(HTML) 53 Page - Microchip Technology |
|
53 / 338 page ![]() 2006-2012 Microchip Technology Inc. DS41291G-page 53 PIC16F882/883/884/886/887 3.4.4.5 RB4/AN11/P1D(1) Figure 3-10 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • a PWM output(1) 3.4.4.6 RB5/AN13/T1G Figure 3-10 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • a Timer1 gate input 3.4.4.7 RB6/ICSPCLK Figure 3-10 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • In-Circuit Serial Programming clock 3.4.4.8 RB7/ICSPDAT Figure 3-10 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • In-Circuit Serial Programming data Note 1: P1D is available on PIC16F882/883/886 only. |