| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F883-ESOSQTP bảng dữ liệu(PDF) 331 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-ESOSQTP bảng dữ liệu(HTML) 331 Page - Microchip Technology |
|
331 / 338 page ![]() 2006-2012 Microchip Technology Inc. DS41291G-page 331 PIC16F882/883/884/886/887 Comparator Output ..................................................... 89 Enhanced Capture/Compare/PWM (ECCP) ............. 265 EUSART Synchronous Receive (Master/Slave) ....... 270 EUSART Synchronous Transmission (Master/Slave) .................................................. 270 Fail-Safe Clock Monitor (FSCM) ................................. 76 Full-Bridge PWM Output ........................................... 141 Half-Bridge PWM Output .................................. 139, 148 I2C Bus Data ............................................................. 274 I2C Bus Start/Stop Bits.............................................. 273 I2C Master Mode First Start Bit Timing ..................... 200 I2C Master Mode Reception Timing.......................... 204 I2C Master Mode Transmission Timing..................... 203 I2C Module Bus Collision Transmit Timing ........................................ 207 INT Pin Interrupt........................................................ 226 Internal Oscillator Switch Timing................................. 72 Master Mode Transmit Clock Arbitration................... 206 PWM Auto-shutdown Auto-restart Enabled......................................... 147 Firmware Restart .............................................. 147 PWM Direction Change ............................................ 142 PWM Direction Change at Near 100% Duty Cycle ... 143 PWM Output (Active-High)........................................ 137 PWM Output (Active-Low) ........................................ 138 Repeat Start Condition.............................................. 201 Reset, WDT, OST and Power-up Timer ................... 262 Send Break Character Sequence ............................. 174 Slave Synchronization .............................................. 190 SPI Master Mode (CKE = 1, SMP = 1) ..................... 271 SPI Mode Timing (Master Mode) SPI Mode Master Mode Timing Diagram .......................... 189 SPI Mode Timing (Slave Mode with CKE = 0) .......... 191 SPI Mode Timing (Slave Mode with CKE = 1) .......... 191 SPI Slave Mode (CKE = 0) ....................................... 272 SPI Slave Mode (CKE = 1) ....................................... 272 Stop Condition Receive or Transmit ......................... 206 Synchronous Reception (Master Mode, SREN) ....... 178 Synchronous Transmission....................................... 176 Synchronous Transmission (Through TXEN) ........... 176 Time-out Sequence Case 1 .............................................................. 220 Case 2 .............................................................. 220 Case 3 .............................................................. 220 Timer0 and Timer1 External Clock ........................... 264 Timer1 Incrementing Edge.......................................... 83 Two Speed Start-up .................................................... 74 Wake-up from Interrupt ............................................. 231 Timing Parameter Symbology........................................... 258 Timing Requirements I2C Bus Data ............................................................. 275 I2C Bus Start/Stop Bits ............................................. 274 SPI Mode .................................................................. 273 TRISA ................................................................................. 41 TRISA Register ................................................................... 41 TRISB ................................................................................. 49 TRISB Register ................................................................... 50 TRISC ................................................................................. 55 TRISC Register................................................................... 55 TRISD ................................................................................. 59 TRISD Register................................................................... 59 TRISE ................................................................................. 61 TRISE Register ................................................................... 61 Two-Speed Clock Start-up Mode ........................................ 73 TXREG ............................................................................. 157 TXSTA Register................................................................ 164 BRGH Bit .................................................................. 167 U Ultra Low-Power Wake-up................................ 18, 20, 42, 43 V Voltage Reference (VR) Specifications ........................................................... 266 Voltage Reference. See Comparator Voltage Reference (CVREF) Voltage References Associated Registers................................................ 102 VP6 Stabilization ........................................................ 99 VREF. SEE ADC Reference Voltage W Wake-up on Break ............................................................ 172 Wake-up Using Interrupts ................................................. 230 Watchdog Timer (WDT).................................................... 228 Associated Registers................................................ 229 Clock Source ............................................................ 228 Modes....................................................................... 228 Period ....................................................................... 228 Specifications ........................................................... 263 Waveform for Slave Mode General Call Address Sequence ................................................................. 196 WCOL............................................................... 200, 202, 205 WCOL Status Flag............................................ 200, 202, 205 WDTCON Register ........................................................... 229 WPUB Register................................................................... 51 WWW Address ................................................................. 333 WWW, On-Line Support ..................................................... 13 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |