công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MRF49XAT-I/ST bảng dữ liệu(PDF) 97 Page - Microchip Technology

tên linh kiện MRF49XAT-I/ST
Giải thích chi tiết về linh kiện  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/ST bảng dữ liệu(HTML) 97 Page - Microchip Technology

Back Button MRF49XAT-I/ST Datasheet HTML 93Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 94Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 95Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 96Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 97Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 98Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 99Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 100Page - Microchip Technology MRF49XAT-I/ST Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 97
MRF49XA
INDEX
A
Absolute Maximum Ratings ................................................ 79
AC Characteristics
Other Timing Parameters............................................ 83
PLL Parameters .......................................................... 82
Receiver...................................................................... 81
Transmitter.................................................................. 82
Antenna Design Considerations ......................................... 74
Antenna/Balun .................................................................... 73
Automatic Frequency Control (AFC)............................. 14, 50
B
Baseband Features............................................................... 3
Baseband/Data Filtering ..................................................... 56
Bill of Materials.................................................................... 77
Block Diagrams
AFC Circuit for Frequency Offset Correction .............. 51
Analog RSSI Voltage vs. RF Input Power................... 15
Application Circuit ....................................................... 73
Balun Circuit................................................................ 73
DIO Logic .................................................................... 58
Four Basic Copper FR4 Layers .................................. 74
Functional Node............................................................ 8
Logic Connection Between Power Control Bits .......... 63
MCU to MRF49XA Interface ......................................... 8
MRF49XA Architectural .............................................. 10
MRF49XA Interrupt Generation Logic......................... 55
RESET Pin Internal Connection.................................. 45
Two Basic Copper FR4 Layers ................................... 74
TX Register Before Transmit ...................................... 66
TX Register During Transmit ...................................... 67
C
Clock Output ....................................................................... 11
Clock Recovery Circuit (CLKRC) ........................................ 14
Crystal Oscillator................................................................. 14
Crystal Oscillator and Clock Output .................................... 47
Crystal Selection Guidelines ............................................... 49
Current Consumption.......................................................... 80
Customer Change Notification Service ............................... 99
Customer Notification Service............................................. 99
Customer Support............................................................... 99
D
Data
Data In ........................................................................ 11
Data Out...................................................................... 11
Data Filtering and Clock Recovery ..................................... 14
Analog Operation ........................................................ 57
Digital Operation ......................................................... 57
Data Indicator Output (DIO) ................................................ 15
Data Quality Indicator (DQI).......................................... 15, 58
Data Validity Blocks
Data Indicator Output.................................................. 15
Data Quality Indicator ................................................. 15
Receive Signal Strength Indicator............................... 15
E
Electrical Characteristics..................................................... 79
Errata .................................................................................... 5
Examples
Frequency Deviation and BBBW Calculation.............. 56
External Reference Input .................................................... 12
F
FIFO Interrupt ..................................................................... 11
Frequency Shift Keying
Data ............................................................................ 11
FIFO Select ................................................................ 11
Functional Description ........................................................ 43
G
General PCB Layout Deign ................................................ 74
H
Hardware Description ........................................................... 9
I
I/O Pin Input Specifications................................................. 80
Initialization......................................................................... 52
Internet Address ................................................................. 99
Interrupt .............................................................................. 12
Interrupt Request Output .................................................... 11
Interrupts ............................................................................ 52
Clearing ...................................................................... 53
LBTD .......................................................................... 53
LCEXINT .................................................................... 53
POR............................................................................ 53
Setting ........................................................................ 53
TXOWRXOF............................................................... 53
TXRXFIFO.................................................................. 53
WUTINT...................................................................... 53
L
Low Duty Cycle Mode................................................... 16, 64
Low Noise Amplifier (LNA).................................................. 13
Low-Battery Voltage Detector............................................. 16
M
Memory Organization ......................................................... 18
Microchip Internet Web Site................................................ 99
O
Output
Filter Capacitor ........................................................... 11
P
Packaging
Details......................................................................... 90
Marking....................................................................... 89
Packaging Information........................................................ 89
Performance Characteristics
BER Curves
In 433 MHz Band................................................ 86
In 868 MHz Band................................................ 86
Channel Selectivity and Blocking ............................... 85
Receiver Sensitivity Over Ambient Temperature
At 433 MHz......................................................... 88
At 868 MHz......................................................... 88
Phase Locked Loop (PLL) ............................................ 14, 48
Pin Description.................................................................... 11
Pin Diagram.......................................................................... 4
Pins
CLKOUT ..................................................................... 11
CS............................................................................... 11
DATA .......................................................................... 11
FSK/DATA/FSEL ........................................................ 11
INT/DIO ...................................................................... 12
IRO ............................................................................. 11
RCLKOUT/FCAP/FINT............................................... 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com