| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MRF49XAT-I/ST bảng dữ liệu(PDF) 89 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MRF49XAT-I/ST bảng dữ liệu(HTML) 89 Page - Microchip Technology |
|
89 / 102 page ![]() © 2009-2011 Microchip Technology Inc. Preliminary DS70590C-page 89 MRF49XA 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Product-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event, the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 16-Lead TSSOP XXXXXXXX YYWW NNN Example 49XA/ST 0910 017 3 e |