| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12SPIV2D bảng dữ liệu(PDF) 15 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SPIV2D bảng dữ liệu(HTML) 15 Page - Freescale Semiconductor, Inc |
|
15 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 15 Derivative Differences and Document References Derivative Differences Table 0-1 shows the availability of peripheral modules on the various derivatives. For details about the compatibility within the MC9S12D-Family refer also to engineering bulletin EB386. Figure 0-1 Order Partnumber Example The following items should be considered when using a derivative. • Registers – Do not write or read CAN0 registers (after reset: address range $0140 - $017F), if using a derivative without CAN0 (see Table 0-1). – Do not write or read BDLC registers (after reset: address range $00E8 - $00EF), if using a derivative without BDLC (see Table 0-1). • Interrupts – Fill the four CAN0 interrupt vectors ($FFB0 - $FFB7) according to your coding policies for unused interrupts, if using a derivative without CAN0 (see Table 0-1). – Fill the BDLC interrupt vector ($FFC2, $FFC3) according to your coding policies for unused interrupts, if using a derivative without BDLC (see Table 0-1). • Ports Table 0-1 Derivative Differences Generic device MC9S12DJ64 MC9S12D64 MC9S12A64 CAN0 1 1 0 J1850/BDLC 1 0 0 Packages 112LQFP, 80QFP 112LQFP, 80QFP 112LQFP, 80QFP Mask Set L86D L86D L86D Temp Options M, V, C M, V, C C Package Codes PV, FU PV, FU PV, FU Note An errata exists contact Sales office An errata exists contact Sales office An errata exists contact Sales office MC9S12 DJ64 C FU Package Option Temperature Option Device Title Controller Family Temperature Options C = -40˚C to 85˚C V = -40˚C to 105˚C M = -40˚C to 125˚C Package Options FU = 80QFP PV = 112LQFP |