| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12SPIV2D bảng dữ liệu(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SPIV2D bảng dữ liệu(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 27 Figure 1-2 MC9S12DJ64 Memory Map out of Reset $0400 $0000 $0800 $4000 $8000 $C000 $FF00 VECTORS $FFFF EXTERN EXPANDED VECTORS NORMAL SINGLE CHIP VECTORS SPECIAL SINGLE CHIP REGISTERS (Mappable to any 2K $0000 $03FF $0000 $07FF 1K Bytes EEPROM (Mappable to any 2K 4K Bytes RAM (Mappable to any 4K $0000 $0FFF Boundary) $4000 $7FFF 16K Fixed Flash Page $3E = 62 (This is dependant on the state of the ROMHM bit) $8000 $BFFF 16K Page Window 4 x 16K Flash EEPROM pages $C000 $FFFF 16K Fixed Flash Page $3F = 63 $FF00 $FFFF BDM (if active) Boundary within the first 32K) Boundary; 1K mapped two times in the 2K address $1000 space) Unimplemented Unimplemented |