| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12SPIV2D bảng dữ liệu(PDF) 103 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SPIV2D bảng dữ liệu(HTML) 103 Page - Freescale Semiconductor, Inc |
|
103 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 103 A.4 Voltage Regulator The on-chip voltage regulator is intended to supply the internal logic and oscillator circuits. No external DC load is allowed. Table A-13 Voltage Regulator Recommended Load Capacitances Rating Symbol Min Typ Max Unit Load Capacitance on VDD1, 2 CLVDD 220 nF Load Capacitance on VDDPLL CLVDDfcPLL 220 nF |