công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ12MC201TESS bảng dữ liệu(PDF) 161 Page - Microchip Technology

tên linh kiện DSPIC33FJ12MC201TESS
Giải thích chi tiết về linh kiện  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TESS bảng dữ liệu(HTML) 161 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TESS Datasheet HTML 157Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 158Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 159Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 160Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 161Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 162Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 163Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 164Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 161
dsPIC33FJ12MC201/202
REGISTER 15-5:
PWMxCON1: PWM CONTROL REGISTER 1(2)
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
PMOD3
PMOD2
PMOD1
bit 15
bit 8
U-0
R/W-1
R/W-1
R/W-1
U-0
R/W-1
R/W-1
R/W-1
—
PEN3H(1)
PEN2H(1)
PEN1H(1)
—
PEN3L(1)
PEN2L(1)
PEN1L(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
Unimplemented:
Read as ‘0’
bit 10-8
PMOD4:PMOD1:
PWM I/O Pair Mode bits
1
= PWM I/O pin pair is in the Independent PWM Output mode
0
= PWM I/O pin pair is in the Complementary Output mode
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
PEN3H:PEN1H:
PWMxH I/O Enable bits(1)
1
= PWMxH pin is enabled for PWM output
0
= PWMxH pin disabled, I/O pin becomes general purpose I/O
bit 3
Unimplemented:
Read as ‘0’
bit 2-0
PEN3L:PEN1L:
PWMxL I/O Enable bits(1)
1
= PWMxL pin is enabled for PWM output
0
= PWMxL pin disabled, I/O pin becomes general purpose I/O
Note 1:
Reset condition of the PENxH and PENxL bits depends on the value of the PWMPIN Configuration bit in
the FPOR Configuration register.
2:
PWM2 supports only one PWM I/O pin pair. PWM1 on dsPIC33FJ12MC201 devices supports only two
PWM I/O pin pairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com