công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ12MC201TESS bảng dữ liệu(PDF) 122 Page - Microchip Technology

tên linh kiện DSPIC33FJ12MC201TESS
Giải thích chi tiết về linh kiện  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TESS bảng dữ liệu(HTML) 122 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TESS Datasheet HTML 118Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 119Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 120Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 121Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 122Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 123Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 124Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 125Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 122
© 2007-2011 Microchip Technology Inc.
TABLE 10-1:
SELECTABLE INPUT SOURCES (MAPS INPUT TO FUNCTION)(1)
10.4.2.2
Output Mapping
In contrast to inputs, the outputs of the peripheral pin
select options are mapped on the basis of the pin. In
this case, a control register associated with a particular
pin dictates the peripheral output to be mapped. The
RPORx registers are used to control output mapping.
Like the RPINRx registers, each register contains sets
of 5-bit fields, with each set associated with one RPn
pin (see Register 10-14 through Register 10-21). The
value of the bit field corresponds to one of the periph-
erals, and that peripheral’s output is mapped to the pin
(see Table 10-2 and Figure 10-3).
The list of peripherals for output mapping also includes
a null value of ‘00000’
because of the mapping
technique. This permits any given pin to remain
unconnected from the output of any of the pin
selectable peripherals.
FIGURE 10-3:
MULTIPLEXING OF
REMAPPABLE OUTPUT
FOR RPn
Input Name
Function Name
Register
Configuration
Bits
External Interrupt 1
INT1
RPINR0
INT1R<4:0>
External Interrupt 2
INT2
RPINR1
INT2R<4:0>
Timer2 External Clock
T2CK
RPINR3
T2CKR<4:0>
Timer3 External Clock
T3CK
RPINR3
T3CKR<4:0>
Input Capture 1
IC1
RPINR7
IC1R<4:0>
Input Capture 2
IC2
RPINR7
IC2R<4:0>
Input Capture 7
IC7
RPINR10
IC7R<4:0>
Input Capture 8
IC8
RPINR10
IC8R<4:0>
Output Compare Fault A
OCFA
RPINR11
OCFAR<4:0>
PWM1 Fault
FLTA1
RPINR12
FLTA1R<4:0>
PWM2 Fault
FLTA2
RPINR13
FLTA2R<4:0>
QEI1 Phase A
QEA
RPINR14
QEA1R<4:0>
QEI1 Phase B
QEB
RPINR14
QEB1R<4:0>
QEI1 Index
INDX
RPINR15
INDX1R<4:0>
UART1 Receive
U1RX
RPINR18
U1RXR<4:0>
UART1 Clear To Send
U1CTS
RPINR18
U1CTSR<4:0>
SPI1 Data Input
SDI1
RPINR20
SDI1R<4:0>
SPI1 Clock Input
SCK1
RPINR20
SCK1R<4:0>
SPI1 Slave Select Input
SS1
RPINR21
SS1R<4:0>
Note 1:
Unless otherwise noted, all inputs use the Schmitt input buffers.
0
26
3
RPnR<4:0>
default
U1TX Output enable
U1RTS Output enable 4
UPDN Output enable
19
OC2 Output enable
0
26
3
default
U1TX Output
U1RTS Output 4
UPDN Output
19
OC2 Output
Output enable
Output Data
RPn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com