công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADF7020DBZ2 bảng dữ liệu(PDF) 44 Page - Analog Devices

tên linh kiện EVAL-ADF7020DBZ2
Giải thích chi tiết về linh kiện  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 bảng dữ liệu(HTML) 44 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 40Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 41Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 42Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 43Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 44Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 45Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 46Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 47Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
ADF7020
Data Sheet
Rev. D | Page 44 of 48
REGISTER 10—AGC 2 REGISTER
AGC DELAY
I/Q GAIN ADJUST
LEAK FACTOR
I/Q PHASE
ADJUST
PEAK RESPONSE
ADDRESS
BITS
SIQ2
0
1
SELECT IQ
PHASE TO I CHANNEL
PHASE TO Q CHANNEL
SIQ2
0
1
SELECT IQ
GAIN TO I CHANNEL
GAIN TO Q CHANNEL
DEFAULT = 0xA
DEFAULT = 0x2
DEFAULT = 0xA
IF DB21 = 0, THEN GAIN
IS SELECTED.
IF DB21 = 1, THEN
ATTENUATE IS SELECTED
Figure 55. Register 10—AGC 2 Register
Register 10—AGC 2 Register Comments
•
This register is not used under normal operating conditions.
•
For ASK/OOK modulation, the recommended settings for operation over the full input range are peak response = 2, leak factor = 10
(default), and AGC delay =10 (default). Bit DB31 to Bit DB16 should be cleared. For bit-rates below 4kbps the AGC_Wait_time can
be increased by setting the AGC_Delay to 15. The SEQ_CLK should also be set at a minimum.
REGISTER 11—AFC REGISTER
AFC SCALING COEFFICIENT
CONTROL
BITS
AE1
0
1
INTERNAL
AFC
OFF
ON
Figure 56. Register 11—AFC Register
Register 11—AFC Register Comments
•
See the Internal AFC section to program the AFC scaling coefficient bits.
•
The AFC scaling coefficient bits can be programmed using the following formula:
AFC_Scaling_Coefficient = Round((500 × 224)/XTAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com