công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADF7020DBZ2 bảng dữ liệu(PDF) 41 Page - Analog Devices

tên linh kiện EVAL-ADF7020DBZ2
Giải thích chi tiết về linh kiện  High Performance, ISM Band, FSK/ASK Transceiver IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7020DBZ2 bảng dữ liệu(HTML) 41 Page - Analog Devices

Back Button EVAL-ADF7020DBZ2 Datasheet HTML 37Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 38Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 39Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 40Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 41Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 42Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 43Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 44Page - Analog Devices EVAL-ADF7020DBZ2 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Data Sheet
ADF7020
Rev. D | Page 41 of 48
REGISTER 7—READBACK SETUP REGISTER
AD1
AD2
RB1
RB2
RB3
DB8
DB7
DB6
DB5
DB4
DB3
DB2
C2(1)
C1(1)
CONTROL
BITS
DB1
DB0
C3(1)
C4(0)
READBACK
SELECT
ADC
MODE
AD2
0
0
1
1
AD1
0
1
0
1
ADC MODE
MEASURE RSSI
BATTERY VOLTAGE
TEMP SENSOR
TO EXTERNAL PIN
RB2
0
0
1
1
RB1
0
1
0
1
READBACK MODE
AFC WORD
ADC OUTPUT
FILTER CAL
SILICON REV
RB3
0
1
READBACK
DISABLED
ENABLED
Figure 52. Register 7—Readback Setup Register
Register 7—Readback Setup Register Comments
•
Readback of the measured RSSI value is valid only in Rx mode. To enable readback of the battery voltage, the temperature sensor, or
the voltage at the external pin in Rx mode, AGC function in Register 9 must be disabled. To read back these parameters in Tx mode,
the ADC must first be powered up using Register 8 because this is off by default in Tx mode to save power. This is the recommended
method of using the battery readback function because most configurations typically require AGC.
•
Readback of the AFC word is valid in Rx mode only if either the linear demodulator or the correlator/demodulator is active.
•
See the Readback Format section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com