| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LIS3DSHTR bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS3DSHTR bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 53 page ![]() Register description LIS3DSH 40/53 Doc ID 022405 Rev 1 8.26 FIFO_CTRL (2Eh) FIFO control register. FMODE2:FMODE0 = FIFO Mode Selection. WTMP4:WTMP0 = FIFO Watermark pointer; FIFO deep if the Watermark is enabled. The FIFO trigger is the INT2 source. 8.27 FIFO_SRC (2Fh) FIFO SRC control register. Table 55. FIFO control register FMODE2 FMODE1 FMODE0 WTMP4 WTMP3 WTMP2 WTMP1 WTMP4 Table 56. FIFO mode selection FMODE2 FMODE1 FMODE0 Mode 0 0 0 Bypass Mode. FIFO turned off 0 0 1 FIFO Mode. Stop collecting data when FIFO is full. 0 1 0 Stream Mode. If the FIFO is full the new sample overwrites the older one 0 1 1 Stream mode until trigger is de- asserted, then FIFO mode 1 0 0 Bypass mode until trigger is de- asserted, then Stream mode 10 1Not Used 11 0Not Used. 1 1 1 Bypass mode until trigger is de- asserted, then FIFO mode Table 57. FIFO_SRC register WTM OVRN_ FIFO EMPTY FSS4 FSS3 FSS2 FSS1 FSS0 |