công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT46V64M4 bảng dữ liệu(PDF) 39 Page - Micron Technology

tên linh kiện MT46V64M4
Giải thích chi tiết về linh kiện  256Mb: x4, x8, x16 DDR SDRAM Features
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRON [Micron Technology]
Trang chủ  http://www.micron.com
Logo MICRON - Micron Technology

MT46V64M4 bảng dữ liệu(HTML) 39 Page - Micron Technology

Back Button MT46V64M4 Datasheet HTML 35Page - Micron Technology MT46V64M4 Datasheet HTML 36Page - Micron Technology MT46V64M4 Datasheet HTML 37Page - Micron Technology MT46V64M4 Datasheet HTML 38Page - Micron Technology MT46V64M4 Datasheet HTML 39Page - Micron Technology MT46V64M4 Datasheet HTML 40Page - Micron Technology MT46V64M4 Datasheet HTML 41Page - Micron Technology MT46V64M4 Datasheet HTML 42Page - Micron Technology MT46V64M4 Datasheet HTML 43Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
PDF: 09005aef80768abb/Source: 09005aef82a95a3a
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDR_x4x8x16_Core2.fm - 256Mb DDR: Rev. S, Core DDR: Rev. E 9/12 EN
39
©2003 Micron Technology, Inc. All rights reserved.
256Mb: x4, x8, x16 DDR SDRAM
Electrical Specifications – DC and AC
39d. The driver pull-up current variation, within nominal voltage and temperature
limits, is expected, but not guaranteed, to lie within the inner bounding lines of
the V-I curve of Figure 7 on page 39.
39e. The full ratio variation of the MAX-to-MIN pull-up and pull-down current should
be between 0.71 and 1.4 for device drain-to-source voltages from 0.1V to 1.0V at
the same voltage and temperature.
39f. The full ratio variation of the nominal pull-up to pull-down current should be
unity ±10%, for device drain-to-source voltages from 0.1V to 1.0V.
Figure 6:
Reduced Drive Pull-Down Characteristics
Figure 7:
Reduced Drive Pull-Up Characteristics
40. The voltage levels used are derived from a minimum VDD level and the referenced test
load. In practice, the voltage levels obtained from a properly terminated bus will pro-
vide significantly different voltage values.
41.
VIH overshoot: VIH,max =VDDQ +1.5V for a pulse width 3ns, and the pulse width
can not be greater than 1/3 of the cycle rate. VIL undershoot: VIL,min = –1.5V for a pulse
width 3ns, and the pulse width can not be greater than 1/3 of the cycle rate.
42. VDD and VDDQ must track each other.
43. tHZ (MAX) will prevail over tDQSCK (MAX) + tRPST (MAX) condition. tLZ (MIN) will
prevail over tDQSCK (MIN) + tRPRE (MAX) condition.
0
10
20
30
40
50
60
70
80
0.00.5
1.01.5
2.0
2.5
V
OUT (V)
-80
-70
-60
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
V
DDQ - VOUT (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com