công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MT46V64M4 bảng dữ liệu(PDF) 13 Page - Micron Technology

tên linh kiện MT46V64M4
Giải thích chi tiết về linh kiện  256Mb: x4, x8, x16 DDR SDRAM Features
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRON [Micron Technology]
Trang chủ  http://www.micron.com
Logo MICRON - Micron Technology

MT46V64M4 bảng dữ liệu(HTML) 13 Page - Micron Technology

Back Button MT46V64M4 Datasheet HTML 9Page - Micron Technology MT46V64M4 Datasheet HTML 10Page - Micron Technology MT46V64M4 Datasheet HTML 11Page - Micron Technology MT46V64M4 Datasheet HTML 12Page - Micron Technology MT46V64M4 Datasheet HTML 13Page - Micron Technology MT46V64M4 Datasheet HTML 14Page - Micron Technology MT46V64M4 Datasheet HTML 15Page - Micron Technology MT46V64M4 Datasheet HTML 16Page - Micron Technology MT46V64M4 Datasheet HTML 17Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
PDF: 09005aef80768abb/Source: 09005aef82a95a3a
Micron Technology, Inc., reserves the right to change products or specifications without notice.
256Mb_DDR_x4x8x16_D2.fm - 256Mb DDR: Rev. S, Core DDR: Rev. E 9/12 EN
13
©2003 Micron Technology, Inc. All rights reserved.
256Mb: x4, x8, x16 DDR SDRAM
Pin and Ball Assignments and Descriptions
Table 1:
Pin and Ball Descriptions
Symbol
Type
Description
A[12:0]
Input
Address inputs: Provide the row address for ACTIVE commands, and the column address and
auto precharge bit (A10) for READ/WRITE commands, to select one location out of the memory
array in the respective bank. A10 sampled during a PRECHARGE command determines whether
the PRECHARGE applies to one bank (A10 LOW, bank selected by BA[1:0]) or all banks (A10
HIGH). The address inputs also provide the op-code during a LOAD MODE REGISTER command.
BA[1:0]
Input
Bank address inputs: BA[1:0] define to which bank an ACTIVE, READ, WRITE, or PRECHARGE
command is being applied. BA[1:0] also define which mode register (mode register or extended
mode register) is loaded during the LOAD MODE REGISTER (LMR) command.
CK, CK#
Input
Clock: CK and CK# are differential clock inputs. All address and control input signals are
sampled on the crossing of the positive edge of CK and the negative edge of CK#. Output data
(DQ and DQS) is referenced to the crossings of CK and CK#.
CKE
Input
Clock enable: CKE HIGH activates and CKE LOW deactivates the internal clock, input buffers,
and output drivers. Taking CKE LOW provides PRECHARGE POWER-DOWN and SELF REFRESH
operations (all banks idle) or ACTIVE POWER-DOWN (row ACTIVE in any bank). CKE is
synchronous for POWER-DOWN entry and exit and for SELF REFRESH entry. CKE is asynchronous
for SELF REFRESH exit and for disabling the outputs. CKE must be maintained HIGH throughout
read and write accesses. Input buffers (excluding CK, CK#, and CKE) are disabled during POWER-
DOWN. Input buffers (excluding CKE) are disabled during SELF REFRESH. CKE is an SSTL_2 input
but will detect an LVCMOS
LOW level after VDD is applied and until CKE is first brought HIGH,
after which it becomes a SSTL_2 input only.
CS#
Input
Chip select: CS# enables (registered LOW) and disables (registered HIGH) the command
decoder. All commands are masked when CS# is registered HIGH. CS# provides for external bank
selection on systems with multiple banks. CS# is considered part of the command code.
DM
LDM, UDM
Input
Input data mask: DM is an input mask signal for write data. Input data is masked when DM is
sampled HIGH along with that input data during a WRITE access. DM is sampled on both edges
of DQS. Although DM pins are input-only, the DM loading is designed to match that of DQ and
DQS pins. For x16 devices, LDM is DM for DQ[7:0], and UDM is DM for DQ[15:8]. Pin 20 is NC on
x4 and x8 devices.
RAS#, CAS#,
WE#
Input
Command inputs: RAS#, CAS#, and WE# (along with CS#) define the command being entered.
DQ[15:0]
I/O
Data input/output: Data bus for x16 devices.
DQ[7:0]
I/O
Data input/output: Data bus for x8 devices.
DQ[3:0]
I/O
Data input/output: Data bus for x4 devices.
DQS
LDQS, UDQS
I/O
Data strobe: Output with read data; input with write data. DQS is edge-aligned with read
data; centered in write data. It is used to capture data. For x16 devices, LDQS is DQS for DQ[7:0],
and UDQS is DQS for DQ[15:8]. Pin 16 (E7) is NC for x4 and x8 devices.
VDD
Supply
Power supply.
VDDQ
Supply
DQ power supply: Isolated on the die for improved noise immunity.
VSS
Supply
Ground.
VSSQ
Supply
DQ ground: Isolated on the die for improved noise immunity.
VREF
Supply
SSTL_2 reference voltage.
NC
–
No connect for x16, x8, x4: These pins should be left unconnected.
DNU
–
Do not use: Must float to minimize noise on VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com