công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9715FPB bảng dữ liệu(PDF) 1 Page - Richtek Technology Corporation

tên linh kiện RT9715FPB
Giải thích chi tiết về linh kiện  Operating Range : 2.7V to 5.5V, Reverse Blocking Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715FPB bảng dữ liệu(HTML) 1 Page - Richtek Technology Corporation

  RT9715FPB Datasheet HTML 1Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 2Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 3Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 4Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 5Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 6Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 7Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 8Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9715
1
DS9715-03 April 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
90m
Ω
Ω
Ω
Ω
Ω, 2A/1.5A/1.1A/0.7A High-Side Power Switches
with Flag
General Description
The RT9715 is a cost-effective, low-voltage, single
N-MOSFET high-side Power Switch IC for USB application.
Low switch-on resistance (typ. 90m
Ω) and low supply
current (typ. 50uA) are realized in this IC.
The RT9715 integrates an over-current protection circuit,
a short fold back circuit, a thermal shutdown circuit and an
under-voltage lockout circuit for overall protection. Besides,
a flag output is available to indicate fault conditions to the
local USB controller. Furthermore, the chip also integrates
an embedded delay function to prevent miss-operation from
happening due to inrush-current. The RT9715 is an ideal
solution for USB power supply and can support flexible
applications since it is available in various packages such
as SOT-23-5, SOP-8, MSOP-8 and WDFN-8L 3x3.
Applications
USB Peripherals
Notebook PCs
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Features
90m
Ω
Ω
Ω
Ω
Ω (typ.) N-MOSFET Switch
Operating Range : 2.7V to 5.5V
Reverse Blocking Current
Under Voltage Lockout
Deglitched Fault Report (FLG)
Thermal Protection with Foldback
Over Current Protection
Short Circuit Protection
UL Approved
−−−−−E219878
Nemko Approved
−−−−−NO49621
RoHS Compliant and Halogen Free
Pin Configurations
(TOP VIEW)
WDFN-8L 3x3
GND
VIN
VOUT
VOUT
VOUT
VIN
7
6
5
1
2
3
4
8
EN/EN
FLG
9
SOP-8/MSOP-8
GND
VIN
VIN
VOUT
VOUT
VOUT
2
3
4
5
8
7
6
EN/EN
FLG
SOT-23-5 (R-Type)
GND
VOUT
4
23
5
EN/EN
FLG
VIN
SOT-23-5 (G-Type)
VOUT GND
VIN
4
23
5
EN/EN
NC
SOT-23-5
VOUT GND
VIN
4
23
5
FLG
EN/EN
Package Type
B : SOT-23-5
BG : SOT-23-5 (G-Type)
BR : SOT-23-5 (R-Type)
S : SOP-8
F : MSOP-8
QW : WDFN-8L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9715
Output Current/EN Function
A : 2A/Active High
B : 2A/Active Low
C : 1.5A/Active High
D : 1.5A/Active Low
E : 1.1A/Active High
F : 1.1A/Active Low
G : 0.7A/Active High
H : 0.7A/Active Low


Số phần tương tự - RT9715FPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9715FPB RICHTEK-RT9715FPB Datasheet
338Kb / 15P
90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
RT9715FPB RICHTEK-RT9715FPB Datasheet
240Kb / 12P
Reverse Blocking Current
RT9715FPBG RICHTEK-RT9715FPBG Datasheet
338Kb / 15P
90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
RT9715FPBG RICHTEK-RT9715FPBG Datasheet
240Kb / 12P
Reverse Blocking Current
More results

Mô tả tương tự - RT9715FPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
logo
Richtek Technology Corp...
RT9715CA RICHTEK-RT9715CA Datasheet
240Kb / 12P
Reverse Blocking Current
logo
Maxim Integrated Produc...
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
MAX15090AEVKIT MAXIM-MAX15090AEVKIT Datasheet
1Mb / 8P
2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX20334EVKIT MAXIM-MAX20334EVKIT Datasheet
598Kb / 9P
2.7V to 5.5V Operating Voltage Range
Rev 0; 4/19
MAX20074EVKIT MAXIM-MAX20074EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20070EVKIT MAXIM-MAX20070EVKIT Datasheet
572Kb / 13P
2.7V to 5.5V Input Range for TFT Power Section
Rev 1; 9/15
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
MAX15095AEVKIT MAXIM-MAX15095AEVKIT Datasheet
899Kb / 8P
2.7V to 18V Operating Voltage Range
Rev 0; 3/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com