công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9284APB bảng dữ liệu(PDF) 3 Page - Richtek Technology Corporation

tên linh kiện RT9284APB
Giải thích chi tiết về linh kiện  Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284APB bảng dữ liệu(HTML) 3 Page - Richtek Technology Corporation

  RT9284APB Datasheet HTML 1Page - Richtek Technology Corporation RT9284APB Datasheet HTML 2Page - Richtek Technology Corporation RT9284APB Datasheet HTML 3Page - Richtek Technology Corporation RT9284APB Datasheet HTML 4Page - Richtek Technology Corporation RT9284APB Datasheet HTML 5Page - Richtek Technology Corporation RT9284APB Datasheet HTML 6Page - Richtek Technology Corporation RT9284APB Datasheet HTML 7Page - Richtek Technology Corporation RT9284APB Datasheet HTML 8Page - Richtek Technology Corporation RT9284APB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
RT9284A/B
DS9284A/B-07 April 2011
www.richtek.com
Pin Description
Pin No.
TSOT-23-5 TSOT-23-6
Pin Name
Pin Function
1
1
LX
Switch Pin. Connect this Pin to inductor and catch diode. Minimize the track
area to reduce EMI.
2
2
GND
Ground Pin
3
3
FB
Feedback Reference Voltage Pin. Series connect a resistor between WLED
and ground as a current sense. Sense the current feedback voltage to set
the current rating.
4
4
EN
Chip Enable (Active High). Voltage sensing input to trigger the function of
over voltage protection. Note that this pin is high impedance. There should
be a pull low 100kΩ resistor connected to GND when the control signal is
floating.
--
5
OVP
Over Voltage Protection Pin. Voltage sensing input to trigger the function of
over voltage protection. Leave it unconnected to disable this function.
5
6
VDD
Supply Input Voltage Pin. Bypass 1uF capacitor to GND to reduce the input
noise.
Function Block Diagram
Current Bias
Soft Start
OCP
750mA
BandGap
OVP
UVLO
Timer
5ms
EN
OVP
VDD
+
-
+
-
V
REF
PWM
Logic
1.2MHz OSC
GND
FB
LX
V
REF
ibias
Protection Circuit
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com