công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FOD817ASD bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện FOD817ASD
Giải thích chi tiết về linh kiện  AC input response (FOD814 only), Applicable to Pb-free IR reflow soldering
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FOD817ASD bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  FOD817ASD Datasheet HTML 1Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 2Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 3Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 4Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 5Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 6Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 7Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 8Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
4
Electrical Characteristics (T
A = 25°C Unless otherwise specified.) (Continued)
Isolation Characteristics
*Typical values at TA = 25°C
Notes:
1. Current Transfer Ratio (CTR) = IC/IF x 100%.
2. For test circuit setup and waveforms, refer to page 7.
3. For this test, Pins 1 and 2 are common, and Pins 3 and 4 are common.
Symbol
Characteristic
Device
Test Conditions
Min.
Typ.*
Max.
Units
VISO
Input-Output Isolation
Voltage(3)
FOD814,
FOD817
f = 60Hz, t = 1 min,
II-O ≤ 2µA
5000
Vac(rms)
RISO
Isolation Resistance
FOD814,
FOD817
VI-O = 500VDC
5x1010
1x1011
Ω
CISO
Isolation Capacitance
FOD814,
FOD817
VI-O = 0, f = 1 MHz
0.6
1.0
pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com