công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY3207ISSP bảng dữ liệu(PDF) 13 Page - Cypress Semiconductor

tên linh kiện CY3207ISSP
Giải thích chi tiết về linh kiện  In-System Serial Programming (ISSP) Guide
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3207ISSP bảng dữ liệu(HTML) 13 Page - Cypress Semiconductor

Back Button CY3207ISSP Datasheet HTML 9Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 10Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 11Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 12Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 13Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 14Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 15Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 16Page - Cypress Semiconductor CY3207ISSP Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISSP Guide, Spec. # 001-15301 Rev. **
13
3.
Using the ISSP
Programming PSoC ICs with ISSP is versatile using the available options.
3.1
Socket Programming
All packages are supported by the socket programming method. Surface-mount parts require an
adapter. The part to be programmed is inserted into the Socket on the ISSP programmer. Power is
supplied by the ISSP. Execute the following:
1. Select Socket in the Programming Location drop-down box.
2. Select the appropriate part number in the Device selection drop-down box.
3. Load a hex file.
4. Place a part in the socket and click on one of the function buttons; Program, Verify or Read.
CAUTION: Disconnect the programmng cable before socket programming or programming the
device in the socket may fail.
3.2
In-System Programming
The device to be programmed is installed on a circuit board or held in an external fixture. Vdd power
is supplied by the circuit board or external fixture.
3.2.1
ISSP Cable
Connections to target systems are as follows:
■
Vdd (Vdd sense line)
■
GND (Ground)
■
XRES (External reset)
■
SCLK (Serial clock)
■
SDAT (Serial data)
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com