công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM3359 bảng dữ liệu(PDF) 44 Page - Texas Instruments

tên linh kiện AM3359
Giải thích chi tiết về linh kiện  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM3359 bảng dữ liệu(HTML) 44 Page - Texas Instruments

Back Button AM3359_13 Datasheet HTML 40Page - Texas Instruments AM3359_13 Datasheet HTML 41Page - Texas Instruments AM3359_13 Datasheet HTML 42Page - Texas Instruments AM3359_13 Datasheet HTML 43Page - Texas Instruments AM3359_13 Datasheet HTML 44Page - Texas Instruments AM3359_13 Datasheet HTML 45Page - Texas Instruments AM3359_13 Datasheet HTML 46Page - Texas Instruments AM3359_13 Datasheet HTML 47Page - Texas Instruments AM3359_13 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Table 2-7. Ball Characteristics (ZCE and ZCZ Packages) (continued)
BALL RESET
BUFFER
PULLUP
ZCE BALL
ZCZ BALL
TYPE BALL RESET
RESET REL.
ZCE POWER /
HYS
PIN NAME [2]
SIGNAL NAME [3]
MODE [4]
REL. STATE
STRENGTH
/DOWN TYPE
I/O CELL [13]
NUMBER [1] NUMBER [1]
[5]
STATE [6]
MODE [8]
ZCZ POWER [9]
[10]
[7]
(mA) [11]
[12]
B17
B16
SPI0_D1
spi0_d1
0
I/O
Z
H
7
VDDSHV6 /
Yes
6
PU/PD
LVCMOS
VDDSHV6
mmc1_sdwp
1
I
I2C1_SDA
2
I/OD
ehrpwm0_tripzone_input
3
I
pr1_uart0_rxd
4
I
pr1_edio_data_in0
5
I
pr1_edio_data_out0
6
O
gpio0_4
7
I/O
B14
A12
TCK
TCK
0
I
H
H
0
VDDSHV6 /
Yes
NA
PU/PD
LVCMOS
VDDSHV6
B13
B11
TDI
TDI
0
I
H
H
0
VDDSHV6 /
Yes
NA
PU/PD
LVCMOS
VDDSHV6
A14
A11
TDO
TDO
0
O
H
H
0
VDDSHV6 /
NA
4
PU/PD
LVCMOS
VDDSHV6
C14
C11
TMS
TMS
0
I
H
H
0
VDDSHV6 /
Yes
NA
PU/PD
LVCMOS
VDDSHV6
A13
B10
TRSTn
nTRST
0
I
L
L
0
VDDSHV6 /
Yes
NA
PU/PD
LVCMOS
VDDSHV6
F17
E16
UART0_TXD
uart0_txd
0
O
Z
H
7
VDDSHV6 /
Yes
4
PU/PD
LVCMOS
VDDSHV6
spi1_cs1
1
I/O
dcan0_rx
2
I
I2C2_SCL
3
I/OD
eCAP1_in_PWM1_out
4
I/O
pr1_pru1_pru_r30_15
5
O
pr1_pru1_pru_r31_15
6
I
gpio1_11
7
I/O
F19
E18
UART0_CTSn
uart0_ctsn
0
I
Z
H
7
VDDSHV6 /
Yes
4
PU/PD
LVCMOS
VDDSHV6
uart4_rxd
1
I
dcan1_tx
2
O
I2C1_SDA
3
I/OD
spi1_d0
4
I/O
timer7
5
I/O
pr1_edc_sync0_out
6
O
gpio1_8
7
I/O
44
Terminal Description
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More