| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CV500-SLK21 bảng dữ liệu(PDF) 89 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 bảng dữ liệu(HTML) 89 Page - Omron Electronics LLC |
|
89 / 182 page ![]() 76 5-1 Error Messages and Alarm Outputs When an error occurs after operation has once started, an error code is set in Word A400. If two or more errors occur simultaneously, the error code having the highest priority is set. In the following table, the error having the highest priority is shown at the top of each column. The status of indicators for which status is not show does not affect the error con- dition. Startup Errors Item Cause CPU indicators Peripheral Device error Power RUN ERROR WDT ALARM OUT INT COMM Device error message Start input wait START input of CPU Rack Power Supply Unit is OFF. Lit Unlit --- --- --- --- --- CPU WAITING No SYSMAC BUS terminator Terminator is not set. Lit Unlit --- --- --- --- --- CPU WAITING CPU Bus Unit initialization Terminator of SYSMAC BUS/2 is missing, or CPU Bus Unit is still initializing. Lit Unlit --- --- --- --- --- CPU WAITING I/O verify error (PC Setup) I/O Unit has been removed. Lit Unlit --- --- Lit --- --- CPU WAITING Startup Errors (cont’d) Item RUN Auxiliary Area data Corrective action output Error flags Error code Start input wait OFF A30600 ON None Turn ON the CPU Rack Power Supply Unit START input, or short-circuit the START input terminals. No SYSMAC BUS terminator OFF A30602 ON None Turn on the power to the Remote I/O Slave Unit. Specify the Unit connected last as the terminator or wait until CPU Bus Units complete initialization. CPU Bus Unit initialization OFF A30603 ON None Turn on the power to the Remote I/O Slave Unit. Specify the Unit connected last as the terminator. I/O verify error (PC Setup) OFF A30601 ON A40209 ON 00E7 Verify the I/O table. Correct the table if necessary by create a new one. Error Messages and Alarm Outputs Section 5-1 |