công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP32N65M5 bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện STP32N65M5
Giải thích chi tiết về linh kiện  N-channel 650 V, 0.095 廓, 24 A, MDmesh??V Power MOSFET in D짼PAK, I짼PAK, TO-220FP, TO-220, TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP32N65M5 bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  STP32N65M5 Datasheet HTML 1Page - STMicroelectronics STP32N65M5 Datasheet HTML 2Page - STMicroelectronics STP32N65M5 Datasheet HTML 3Page - STMicroelectronics STP32N65M5 Datasheet HTML 4Page - STMicroelectronics STP32N65M5 Datasheet HTML 5Page - STMicroelectronics STP32N65M5 Datasheet HTML 6Page - STMicroelectronics STP32N65M5 Datasheet HTML 7Page - STMicroelectronics STP32N65M5 Datasheet HTML 8Page - STMicroelectronics STP32N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STB/F/I/P/W32N65M5
Electrical ratings
Doc ID 15316 Rev 4
3/22
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, D²PAK
TO-247, I²PAK
TO-220FP
VGS
Gate- source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
24
24(1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100 °C
15
15 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
96
96 (1)
A
PTOT
Total dissipation at TC = 25 °C
150
35
W
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by TJMAX)
8A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
650
mJ
dv/dt (3)
3.
ISD ≤ 24 A, di/dt = 400 A/µs, peak VDS < V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D²PAK TO-220FP
I²PAK TO-220 TO-247
Rthj-case
Thermal resistance junction-
case max
0.83
3.6
0.83
°C/W
Rthj-amb
Thermal resistance junction-
ambient max
62.5
50
°C/W
Rthj-pcb
Thermal resistance junction-pcb
max
30
°C/W
Tl
Maximum lead temperature for
soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22