công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

82563EB bảng dữ liệu(PDF) 19 Page - Intel Corporation

tên linh kiện 82563EB
Giải thích chi tiết về linh kiện  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB bảng dữ liệu(HTML) 19 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 15Page - Intel Corporation 82563EB Datasheet HTML 16Page - Intel Corporation 82563EB Datasheet HTML 17Page - Intel Corporation 82563EB Datasheet HTML 18Page - Intel Corporation 82563EB Datasheet HTML 19Page - Intel Corporation 82563EB Datasheet HTML 20Page - Intel Corporation 82563EB Datasheet HTML 21Page - Intel Corporation 82563EB Datasheet HTML 22Page - Intel Corporation 82563EB Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
13
3.13
Port B PHY Interface
Note:
Port B on the 82563EB dual port device corresponds to connection to Port 1 on the 631xESB/
632xESB. There is no port B on the 82564EB.
Table 12. Port B PHY Interface Pins (Sheet 1 of 2)
Signal Name
Pin
Type
Sub-
Type
Description
Connection on
82564EB
Single Port Device
MDIB_PLUS[0]
MDIB_MINUS[0]
48
47
AA
Media Dependent Interface for Port B,
bit 0
1000BASE-T:In MDI configuration,
MDI[0]+/- corresponds to
BI_DA+/- and in MDIX
configuration MDI[0]+/-
corresponds to BI_DB+/-.
100BASE-TX:In MDI configuration,
MDI[0]+/- is used for the
transmit pair and in MDIX
configuration MDI[0]+/- is
used for the receive pair.
10BASE-T:
In MDI configuration,
MDI[0]+/- is used for the
transmit pair and in MDIX
configuration MDI[0]+/- is
used for the receive pair.
No-connect
MDIB_PLUS[1]
MDIB_MINUS[1]
44
43
AA
Media Dependent Interface for Port B,
bit 1
1000BASE-T:In MDI configuration,
MDI[1]+/- corresponds to
BI_DB+/- and in MDIX
configuration MDI[1]+/-
corresponds to BI_DA+/-.
100BASE-TX:In MDI configuration,
MDI[1]+/- is used for the
receive pair and in MDIX
configuration MDI[1]+/- is
used for the transmit pair.
10BASE-T:
In MDI configuration,
MDI[1]+/- is used for the
receive pair and in MDIX
configuration MDI[1]+/- is
used for the transmit pair.
No-connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com