công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN75LVDS82DGGR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN75LVDS82DGGR
Giải thích chi tiết về linh kiện  FlatLink??RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS82DGGR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN75LVDS82DGGR Datasheet HTML 1Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 2Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 3Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 4Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 5Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 6Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 7Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 8Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
|V
ID
|
2
|V
ID
|
2
SN75LVDS82
SLLS259I
– NOVEMBER 1996 – REVISED APRIL 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
UNIT
VCC
Supply voltage range(2)
–0.5 V to 4 V
VO
Output voltage range (Dxx terminals)
–0.5 V to VCC + 0.5 V
Any terminal except SHTDN
–0.5 V to VCC + 0.5 V
VI
Input voltage range
SHTDN
–0.5 V to 5.5 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating temperature range
0
°C to 70°C
Tstg
Storage temperature range
–65°C to 150°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND, unless otherwise noted.
DISSIPATION RATING TABLE
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
DGG
1377 mW
11.0 mW/
°C
822 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air
flow.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage (SHTDN)
2
V
VIL
Low-level input voltage (SHTDN)
0.8
V
|VID|
Differential input voltage
0.1
0.6
V
2.4 -
VIC
Common-mode input voltage (see Figure 2 and Figure 3)
V
VCC – 0.8
TA
Operating free-air temperature
0
70
°C
TIMING REQUIREMENTS
MIN
MAX
UNIT
tc
Cycle time, input clock(1)
14.7
32.3
ns
tsu1
Setup time, input (see Figure 7)
600
ps
th1
Hold time, input (see Figure 7)
600
ps
(1)
Parameter tc is defined as the mean duration of a minimum of 32000 clock cycles.
4
Copyright
© 1996–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com