| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8331ARQZ-R7 bảng dữ liệu(PDF) 47 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8331ARQZ-R7 bảng dữ liệu(HTML) 47 Page - Analog Devices |
|
47 / 56 page ![]() AD8331/AD8332/AD8334 Rev. G | Page 47 of 56 AD8334 EVALUATION BOARD GENERAL DESCRIPTION The AD8334-EVALZ is a platform for the testing and evaluation of the AD8334 variable gain amplifier (VGA). The board is shipped assembled and tested, and users need only connect the signal and VGAIN sources and a single 5 V power supply. Figure 113 is a photograph of the board. The AD8334-EVALZ is lead free and RoHS compliant. Figure 113. AD8334-EVALZ Top View |