| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FX3 bảng dữ liệu(PDF) 16 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
FX3 bảng dữ liệu(HTML) 16 Page - Cypress Semiconductor |
|
16 / 45 page ![]() CYUSB301X Document Number: 001-52136 Rev. *N Page 16 of 45 IO2 (VIO2 Power Domain) GPIF II (32-bit data mode) K2 K10 VIO2 I/O GPIO[33] DQ[16] GPIO J4 K11 VIO2 I/O GPIO[34] DQ[17] GPIO K1 K12 VIO2 I/O GPIO[35] DQ[18] GPIO J2 J9 VIO2 I/O GPIO[36] DQ[19] GPIO J3 J10 VIO2 I/O GPIO[37] DQ[20] GPIO J1 J11 VIO2 I/O GPIO[38] DQ[21] GPIO H2 H8 VIO2 I/O GPIO[39] DQ[22] GPIO H3 H11 VIO2 I/O GPIO[40] DQ[23] GPIO F4 H10 VIO2 I/O GPIO[41] DQ[24] GPIO G2 H9 VIO2 I/O GPIO[42] DQ[25] GPIO G3 G11 VIO2 I/O GPIO[43] DQ[26] GPIO F3 G10 VIO2 I/O GPIO[44] DQ[27] GPIO F2 G09 VIO2 I/O GPIO[45] GPIO IO3 (VIO3 Power Domain) GPIO + SPI GPIO + UART GPIO only GPIF II - 32b + I2S + UART[3] GPIO + I2S UART + SPI + I2S F5 F11 VIO3 I/O GPIO[46] GPIO GPIO GPIO DQ[28] GPIO UART_RT S E1 F10 VIO3 I/O GPIO[47] GPIO GPIO GPIO DQ[29] GPIO UART_CT S E5 E11 VIO3 I/O GPIO[48] GPIO GPIO GPIO DQ[30] GPIO UART_TX E4 D12 VIO3 I/O GPIO[49] GPIO GPIO GPIO DQ[31] GPIO UART_R X D1 D11 VIO3 I/O GPIO[50] GPIO GPIO GPIO I2S_CLK GPIO I2S_CLK D2 E10 VIO3 I/O GPIO[51] GPIO GPIO GPIO I2S_SD GPIO I2S_SD D3 E9 VIO3 I/O GPIO[52] GPIO GPIO GPIO I2S_WS GPIO I2S_WS IO4 (VIO4) Power Domain D4 D10 VIO4 I/O GPIO[53] SPI_SCK UART_RTS GPIO UART_RTS GPIO SPI_SCK C1 D9 VIO4 I/O GPIO[54] SPI_SSN UART_CTS GPIO UART_CTS I2S_CLK SPI_SSN C2 B12 VIO4 I/O GPIO[55] SPI_MISO UART_TX GPIO UART_TX I2S_SD SPI_MIS O D5 C12 VIO4 I/O GPIO[56] SPI_MOSI UART_RX GPIO UART_RX I2S_WS SPI_MOS I C4 E12 VIO4 I/O GPIO[57] GPIO GPIO GPIO I2S_MCLK I2S_MCL K I2S_MCL K USB Port (VBATT/VBUS Power Domain) C9 C3 VBUS/ VBATT I OTG_ID OTG_ID USB Port (U3TXVDDQ/U3RXVDDQ Power Domain) A3 A10 U3RXVD DQ I SSRXM SSRX- A4 B10 U3RXVD DQ I SSRXP SSRX+ A6 A8 U3TXVD DQ O SSTXM SSTX- A5 B8 U3TXVD DQ O SSTXP SSTX+ Table 7. CYUSB3012 and CYUSB3014 Pin List (GPIF II with 32-bit Data Bus Width) (continued) BGA WLCSP I/O Name Description |