| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2951CSDX bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2951CSDX bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 43 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 21-May-2013 Addendum-Page 5 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2951CMMX-3.3 ACTIVE VSSOP DGK 8 3500 TBD Call TI Call TI -40 to 125 L0CB LP2951CMMX-3.3/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0CB LP2951CMMX/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0DB LP2951CMX ACTIVE SOIC D 8 2500 TBD Call TI Call TI -40 to 125 2951 CM>D LP2951CMX-3.0 ACTIVE SOIC D 8 2500 TBD Call TI Call TI -40 to 125 2951C M30>D LP2951CMX-3.0/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2951C M30>D LP2951CMX-3.3 ACTIVE SOIC D 8 2500 TBD Call TI Call TI -40 to 125 2951C M33>D LP2951CMX-3.3/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2951C M33>D LP2951CMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2951 CM>D LP2951CN ACTIVE PDIP P 8 40 TBD Call TI Call TI -40 to 125 LP 2951CN LP2951CN/NOPB ACTIVE PDIP P 8 40 Green (RoHS & no Sb/Br) SN Level-1-NA-UNLIM -40 to 125 LP 2951CN LP2951CSD ACTIVE WSON NGT 8 1000 TBD Call TI Call TI -40 to 125 2951ACB LP2951CSD-3.0 ACTIVE WSON NGT 8 1000 TBD Call TI Call TI -40 to 125 51AC30B LP2951CSD-3.0/NOPB ACTIVE WSON NGT 8 1000 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 125 51AC30B LP2951CSD-3.3 ACTIVE WSON NGT 8 1000 TBD Call TI Call TI -40 to 125 51AC33B LP2951CSD-3.3/NOPB ACTIVE WSON NGT 8 1000 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 125 51AC33B LP2951CSD/NOPB ACTIVE WSON NGT 8 1000 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 125 2951ACB LP2951CSDX ACTIVE WSON NGT 8 4500 TBD Call TI Call TI -40 to 125 2951ACB LP2951CSDX-3.0 ACTIVE WSON NGT 8 4500 TBD Call TI Call TI -40 to 125 51AC30B |