| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2951CSDX bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2951CSDX bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 43 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 21-May-2013 Addendum-Page 4 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2951ACSD/NOPB ACTIVE WSON NGT 8 1000 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 125 2951AC LP2951ACSDX ACTIVE WSON NGT 8 4500 TBD Call TI Call TI -40 to 125 2951AC LP2951ACSDX-3.3 ACTIVE WSON NGT 8 4500 TBD Call TI Call TI -40 to 125 51AC33 LP2951ACSDX-3.3/NOPB ACTIVE WSON NGT 8 4500 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 125 51AC33 LP2951ACSDX/NOPB ACTIVE WSON NGT 8 4500 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 125 2951AC LP2951CM ACTIVE SOIC D 8 95 TBD Call TI Call TI -40 to 125 2951 CM>D LP2951CM-3.0 ACTIVE SOIC D 8 95 TBD Call TI Call TI -40 to 125 2951C M30>D LP2951CM-3.0/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2951C M30>D LP2951CM-3.3 ACTIVE SOIC D 8 95 TBD Call TI Call TI -40 to 125 2951C M33>D LP2951CM-3.3/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2951C M33>D LP2951CM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2951 CM>D LP2951CMM ACTIVE VSSOP DGK 8 1000 TBD Call TI Call TI -40 to 125 L0DB LP2951CMM-3.0 ACTIVE VSSOP DGK 8 1000 TBD Call TI Call TI -40 to 125 L0BB LP2951CMM-3.0/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0BB LP2951CMM-3.3/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0CB LP2951CMM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0DB LP2951CMMX ACTIVE VSSOP DGK 8 3500 TBD Call TI Call TI -40 to 125 L0DB LP2951CMMX-3.0 ACTIVE VSSOP DGK 8 3500 TBD Call TI Call TI -40 to 125 L0BB LP2951CMMX-3.0/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0BB |