| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMAP3530ECUS bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 264 page ![]() 2 TERMINAL DESCRIPTION 2.1 Terminal Assignment 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 A B C D E F G H J K L M N P T R U V W Y AA AB AC 24 25 26 27 28 AD AE AF AG AH 1 030-001 OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Figure 2-1 through Figure 2-5 show the ball locations for the 515- and 423- ball plastic ball grid array (s-PBGA) packages. through Table 2-25 indicate the signal names and ball grid numbers for both packages. Note: There are no balls present on the top of the 423-ball s-PBGA package. Figure 2-1. OMAP3530/25 Applications Processor CBB s-PBGA-N515 Package (Bottom View) 10 TERMINAL DESCRIPTION Submit Documentation Feedback |