công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6062 bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện MCP6062
Giải thích chi tiết về linh kiện  60 關A, High Precision Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6062 bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button MCP6062 Datasheet HTML 11Page - Microchip Technology MCP6062 Datasheet HTML 12Page - Microchip Technology MCP6062 Datasheet HTML 13Page - Microchip Technology MCP6062 Datasheet HTML 14Page - Microchip Technology MCP6062 Datasheet HTML 15Page - Microchip Technology MCP6062 Datasheet HTML 16Page - Microchip Technology MCP6062 Datasheet HTML 17Page - Microchip Technology MCP6062 Datasheet HTML 18Page - Microchip Technology MCP6062 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
© 2010 Microchip Technology Inc.
DS22189B-page 15
MCP6061/2/4
4.0
APPLICATION INFORMATION
The MCP6061/2/4 family of op amps is manufactured
using Microchip’s state-of-the-art CMOS process and
is specifically designed for low-power, high precision
applications.
4.1
Rail-to-Rail Input
4.1.1
PHASE REVERSAL
The MCP6061/2/4 op amps are designed to prevent
phase reversal when the input pins exceed the supply
voltages.
Figure 2-34
shows
the
input
voltage
exceeding the supply voltage without any phase
reversal.
4.1.2
INPUT VOLTAGE LIMITS
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the voltages at
the input pins (see
Section 1.1 “Absolute Maximum
Ratings †”).
The ESD protection on the inputs can be depicted as
shown in Figure 4-1. This structure was chosen to
protect the input transistors and to minimize input bias
current (IB).
FIGURE 4-1:
Simplified Analog Input ESD
Structures.
The input ESD diodes clamp the inputs when they try
to go more than one diode drop below VSS. They also
clamp any voltages that go well above VDD; their break-
down voltage is high enough to allow normal operation,
but not low enough to protect against slow over-voltage
(beyond VDD) events. Very fast ESD events (that meet
the spec) are limited so that damage does not occur.
In some applications, it may be necessary to prevent
excessive voltages from reaching the op amp inputs.
Figure 4-2 shows one approach to protecting these
inputs.
FIGURE 4-2:
Protecting the Analog
Inputs.
A significant amount of current can flow out of the
inputs when the Common Mode voltage (VCM) is below
ground (VSS). See Figure 2-36.
4.1.3
INPUT CURRENT LIMITS
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the voltages at
the input pins (see
Section 1.1 “Absolute Maximum
Ratings †”).
Figure 4-3 shows one approach to protecting these
inputs. The resistors R1 and R2 limit the possible cur-
rents in or out of the input pins (and the ESD diodes, D1
and D2). The diode currents will go through either VDD
or VSS.
FIGURE 4-3:
Protecting the Analog
Inputs.
4.1.4
NORMAL OPERATION
The input stage of the MCP6061/2/4 op amps use two
differential input stages in parallel. One operates at a
low common mode input voltage (VCM), while the other
operates at a high VCM. With this topology, the device
operates with a VCM up to 300 mV above VDD and
300 mV below VSS. (See Figure 2-13).The input offset
voltage is measured at VCM = VSS –0.3V and
VDD + 0.3V to ensure proper operation.
The transition between the input stages occurs when
VCM is near VDD –1.1V (See Figures 2-4, 2-5 and
Figure 2-6). For the best distortion performance and
gain linearity, with non-inverting gains, avoid this region
of operation.
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–
V1
VDD
D1
V2
D2
MCP606X
VOUT
U1
V1
R1
VDD
D1
min(R1,R2)>
VSS –min (V1,V2)
2mA
min(R1,R2)>
max(V1,V2)– VDD
2mA
V2
R2
D2
MCP606X
VOUT
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com