| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68ICS08GR bảng dữ liệu(PDF) 111 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR bảng dữ liệu(HTML) 111 Page - Freescale Semiconductor, Inc |
|
111 / 408 page ![]() Clock Generator Module (CGMC) Functional Description MC68HC908GR8 — Rev 4.0 Technical Data MOTOROLA Clock Generator Module (CGMC) 111 The series resistor (RS) is included in the diagram to follow strict Pierce oscillator guidelines. Refer to the crystal manufacturer’s data for more information regarding values for C1 and C2. Figure 7-2 also shows the external components for the PLL: • Bypass capacitor, CBYP • Filter network Routing should be done with great care to minimize signal cross talk and noise. See CGM Component Specifications for capacitor and resistor values. Figure 7-2. CGMC External Connections OSC1 C1 C2 SIMOSCEN CGMXCLK RB X1 RS CBYP OSC2 CGMXFC VDDA Note: Filter network in box can be replaced with a 0.47 µF capacitor, but will degrade stability. VDD OSCSTOPENB (FROM CONFIG) 10 k 0.01 µF 0.033 µF VSSA 0.1 µF Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |