| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X9313ZP bảng dữ liệu(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
X9313ZP bảng dữ liệu(HTML) 2 Page - Intersil Corporation |
|
2 / 12 page ![]() 2 FN8177.6 January 15, 2008 Ordering Information PART NUMBER PART MARKING VCC RANGE (V) RTOTAL (k Ω) TEMPERATURE RANGE (°C) PACKAGE PKG. DWG. # X9313UMI 13UI 4.5 to 5.5 50 -40 to +85 8 Ld MSOP M8.118 X9313UMIZ (Note) DDB -40 to +85 8 Ld MSOP (Pb-free) M8.118 X9313UP X9313UP 0 to +70 8 Ld PDIP MDP0031 X9313US*, ** X9313U 0 to +70 8 Ld SOIC MDP0027 X9313USZ* (Note) X9313U Z 0 to +70 8 Ld SOIC (Pb-free) M8.15 X9313USI X9313U I -40 to +85 8 Ld SOIC MDP0027 X9313USIZ (Note) X9313U ZI -40 to +85 8 Ld SOIC (Pb-free) M8.15 X9313WMZ (Note) DDF 10 0 to +70 8 Ld MSOP (Pb-free) M8.118 X9313WMI* 13WI -40 to +85 8 Ld MSOP M8.118 X9313WMIZ* (Note) DDE -40 to +85 8 Ld MSOP (Pb-free) M8.118 X9313WP X9313WP 0 to +70 8 Ld PDIP MDP0031 X9313WPZ-3 X9313WP ZD -40 to +85 8 Ld PDIP*** (Pb-free) MDP0031 X9313WPI X9313WP I -40 to +85 8 Ld PDIP MDP0031 X9313WPIZ X9313WP ZI -40 to +85 8 Ld PDIP*** (Pb-free) MDP0031 X9313WS*, ** X9313WS 0 to +70 8 Ld SOIC MDP0027 X9313WSZ*, ** (Note) X9313W Z 0 to +70 8 Ld SOIC (Pb-free) M8.15 X9313WSI*, ** X9313WS I -40 to +85 8 Ld SOIC MDP0027 X9313WSIZ* (Note) X9313WS ZI -40 to +85 8 Ld SOIC (Pb-free) M8.15 X9313ZM 313Z 1 0 to +70 8 Ld MSOP M8.118 X9313ZMZ (Note) DDJ 0 to +70 8 Ld MSOP (Pb-free) M8.118 X9313ZMI*, ** 13ZI -40 to +85 8 Ld MSOP M8.118 X9313ZMIZ*, ** (Note) DDH -40 to +85 8 Ld MSOP (Pb-free) M8.118 X9313ZP X9313ZP 0 to +70 8 Ld PDIP MDP0031 X9313ZPI X9313ZP I -40 to +85 8 Ld PDIP MDP0031 X9313ZPIZ (Note) X9313ZP ZI -40 to +85 8 Ld PDIP*** (Pb-free) MDP0031 X9313ZS*, ** X9313ZS 0 to +70 8 Ld SOIC MDP0027 X9313ZSZ*, ** (Note) X9313 Z 0 to +70 8 Ld SOIC (Pb-free) M8.15 X9313ZSI* X9313ZS I -40 to +85 8 Ld SOIC MDP0027 X9313ZSIZ* (Note) X9313ZS ZI -40 to +85 8 Ld SOIC (Pb-free) M8.15 X9313UM-3T1 13UD 3 to 5.5 50 0 to +70 8 Ld MSOP Tape and Reel M8.118 X9313UMZ-3T1 (Note) DDD 0 to +70 8 Ld MSOP Tape and Reel (Pb-free) M8.118 X9313UMI-3* 13UE -40 to +85 8 Ld MSOP M8.118 X9313UMIZ-3* (Note) 13UEZ -40 to +85 8 Ld MSOP (Pb-free) M8.118 X9313US-3*, ** X9313U D 0 to +70 8 Ld SOIC MDP0027 X9313USZ-3*, ** (Note) X9313U ZD 0 to +70 8 Ld SOIC (Pb-free) M8.15 X9313WM-3* 13WD 10 0 to +70 8 Ld MSOP M8.118 X9313WMZ-3* (Note) DDG 0 to +70 8 Ld MSOP (Pb-free) M8.118 X9313WMI-3* 13WE -40 to +85 8 Ld MSOP M8.118 X9313WMIZ-3* (Note) 13WEZ -40 to +85 8 Ld MSOP (Pb-free) M8.118 X9313 |