công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X9313ZP bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện X9313ZP
Giải thích chi tiết về linh kiện  Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313ZP bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  X9313ZP Datasheet HTML 1Page - Intersil Corporation X9313ZP Datasheet HTML 2Page - Intersil Corporation X9313ZP Datasheet HTML 3Page - Intersil Corporation X9313ZP Datasheet HTML 4Page - Intersil Corporation X9313ZP Datasheet HTML 5Page - Intersil Corporation X9313ZP Datasheet HTML 6Page - Intersil Corporation X9313ZP Datasheet HTML 7Page - Intersil Corporation X9313ZP Datasheet HTML 8Page - Intersil Corporation X9313ZP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN8177.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9313
Digitally Controlled Potentiometer (XDCP™)
Linear, 32 Taps, 3 Wire Interface, Terminal
Voltages ± VCC
The Intersil X9313 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The
wiper position is controlled by a 3-wire interface.
The potentiometer is implemented by a resistor array
composed of 31 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs.
The position of the wiper can be stored in nonvolatile
memory and then be recalled upon a subsequent power-up
operation.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including:
• Control
• Parameter adjustments
• Signal processing
Features
• Solid-state potentiometer
• 3-wire serial interface
• 32 wiper tap points
- Wiper position stored in nonvolatile memory and
recalled on power-up
• 31 resistive elements
- Temperature compensated
- End-to-end resistance range ±20%
- Terminal voltages, -VCC to +VCC
• Low power CMOS
-VCC = 3V or 5V
- Active current, 3mA max.
- Standby current, 500µA max.
• High reliability
- Endurance, 100,000 data changes per bit
- Register data retention, 100 years
•RTOTAL values = 1kΩ, 10kΩ, 50kΩ
• Packages
- 8 Ld SOIC, 8 Ld MSOP and 8 Ld PDIP
• Pb-free available (RoHS compliant)
Block Diagram
5-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE OF
OUTPUTS
RESISTOR
ARRAY
RH/VH
U/D
INC
CS
TRANSFER
GATES
THIRTY-TWO
VCC
VSS
RL/VL
RW/VW
CONTROL
UP/DOWN
VCC (SUPPLY VOLTAGE)
VSS (GROUND)
RH/VH
RW/VW
RL/VL
GENERAL
DETAILED
0
1
2
28
29
30
31
(U/D)
INCREMENT
(INC)
DEVICE SELECT
(CS)
AND
MEMORY
5-BIT
UP/DOWN
COUNTER
TIME
DECODER
ACTIVE
AT A
Data Sheet
January 15, 2008


Số phần tương tự - X9313ZP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Xicor Inc.
X9313ZP XICOR-X9313ZP Datasheet
50Kb / 10P
E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9313ZP INTERSIL-X9313ZP Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9313ZP INTERSIL-X9313ZP Datasheet
277Kb / 12P
Digitally Controlled Potentiometer
April 18, 2007
X9313ZP-3 INTERSIL-X9313ZP-3 Datasheet
277Kb / 12P
Digitally Controlled Potentiometer
April 18, 2007
logo
Xicor Inc.
X9313ZP3 XICOR-X9313ZP3 Datasheet
50Kb / 10P
E2POT??Nonvolatile Digital Potentiometer
More results

Mô tả tương tự - X9313ZP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
Terminal Voltage -5V, 32 Taps, Log Taper
September 15, 2005
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
Low Noise, Low Power, 3 wire Up/Down, 32 Taps
November 21, 2007
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
X9313ZSIZT1 INTERSIL-X9313ZSIZT1 Datasheet
305Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
logo
Mallory performance clu...
PMO-4530PN-47UQ MALLORY-PMO-4530PN-47UQ Datasheet
107Kb / 1P
Sensitivity Range -47 짹 3 dB RL = 2.2 k Vcc = 2.0v
logo
Renesas Technology Corp
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com