công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8260EC bảng dữ liệu(PDF) 31 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8260EC
Giải thích chi tiết về linh kiện  PowerQUICC II Integrated Communications Processor Hardware Specifications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260EC bảng dữ liệu(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC8260EC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8260EC Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
MPC8260 PowerQUICC II Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
31
Pinout
LCL_D6
K25
LCL_D7
L29
LCL_D8
L27
LCL_D9
L26
LCL_D10
L25
LCL_D11
M29
LCL_D12
M28
LCL_D13
M27
LCL_D14
M26
LCL_D15
N29
LCL_D16
T25
LCL_D17
U27
LCL_D18
U26
LCL_D19
U25
LCL_D20
V29
LCL_D21
V28
LCL_D22
V27
LCL_D23
V26
LCL_D24
W27
LCL_D25
W26
LCL_D26
W25
LCL_D27
Y29
LCL_D28
Y28
LCL_D29
Y25
LCL_D30
AA29
LCL_D31
AA28
LCL_DP0
L28
LCL_DP1
N28
LCL_DP2
T28
LCL_DP3
W28
IRQ0/NMI_OUT
T1
IRQ7/INT_OUT/APE
D1
TRST
AH3
TCK
AG5
TMS
AJ3
Table 14. Pinout List (continued)
Pin Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41