| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68331TS bảng dữ liệu(PDF) 46 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68331TS bảng dữ liệu(HTML) 46 Page - Freescale Semiconductor, Inc |
|
46 / 84 page ![]() 46 MC68331TS/D 4.6 Instruction Set Summary Table 20 Instruction Set Summary Instruction Syntax Operand Size Operation ABCD Dn, Dn − (An), − (An) 8 8 Source10 + Destination10 + X ⇒ Destination ADD Dn, <ea> <ea>, Dn 8, 16, 32 8, 16, 32 Source + Destination ⇒ Destination ADDA <ea>, An 16, 32 Source + Destination ⇒ Destination ADDI #<data>, <ea> 8, 16, 32 Immediate data + Destination ⇒ Destination ADDQ # <data>, <ea> 8, 16, 32 Immediate data + Destination ⇒ Destination ADDX Dn, Dn − (An), − (An) 8, 16, 32 8, 16, 32 Source + Destination + X ⇒ Destination AND <ea>, Dn Dn, <ea> 8, 16, 32 8, 16, 32 Source • Destination ⇒ Destination ANDI # <data>, <ea> 8, 16, 32 Data • Destination ⇒ Destination ANDI to CCR # <data>, CCR 8 Source • CCR ⇒ CCR ANDI to SR11 # <data>, SR 16 Source • SR ⇒ SR ASL Dn, Dn # <data>, Dn <ea> 8, 16, 32 8, 16, 32 16 ASR Dn, Dn # <data>, Dn <ea> 8, 16, 32 8, 16, 32 16 Bcc label 8, 16, 32 If condition true, then PC + d ⇒ PC BCHG Dn, <ea> # <data>, <ea> 8, 32 8, 32 BCLR Dn, <ea> # <data>, <ea> 8, 32 8, 32 0 ⇒ bit of destination BGND none none If background mode enabled, then enter background mode, else format/vector ⇒ − (SSP); PC ⇒ − (SSP); SR ⇒ − (SSP); (vector) ⇒ PC BKPT # <data> none If breakpoint cycle acknowledged, then execute returned operation word, else trap as illegal instruction BRA label 8, 16, 32 PC + d ⇒ PC BSET Dn, <ea> # <data>, <ea> 8, 32 8, 32 1 ⇒ bit of destination BSR label 8, 16, 32 SP − 4 ⇒ SP; PC ⇒ (SP); PC + d ⇒ PC BTST Dn, <ea> # <data>, <ea> 8, 32 8, 32 CHK <ea>, Dn 16, 32 If Dn < 0 or Dn > (ea), then CHK exception CHK2 <ea>, Rn 8, 16, 32 If Rn < lower bound or Rn > upper bound, then CHK exception CLR <ea> 8, 16, 32 0 ⇒ Destination CMP <ea>, Dn 8, 16, 32 (Destination − Source), CCR shows results CMPA <ea>, An 16, 32 (Destination − Source), CCR shows results CMPI # <data>, <ea> 8, 16, 32 (Destination − Data), CCR shows results X/C 0 X/C bit number 〉of destination) Z bit of destinatio ⇒⇒ bit number 〈〉of destination () Z bit number 〈〉of destination () Z; ⇒ bit number 〈〉of destination () Z ⇒ Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |