công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16CP554APM bảng dữ liệu(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL16CP554APM
Giải thích chi tiết về linh kiện  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16CP554APM bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button TL16CP554APM Datasheet HTML 32Page - Texas Instruments TL16CP554APM Datasheet HTML 33Page - Texas Instruments TL16CP554APM Datasheet HTML 34Page - Texas Instruments TL16CP554APM Datasheet HTML 35Page - Texas Instruments TL16CP554APM Datasheet HTML 36Page - Texas Instruments TL16CP554APM Datasheet HTML 37Page - Texas Instruments TL16CP554APM Datasheet HTML 38Page - Texas Instruments TL16CP554APM Datasheet HTML 39Page - Texas Instruments TL16CP554APM Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
scratchpad register
The scratchpad register is an 8-bit read/write register that has no effect on any ACE channel. It is intended to
be used by the programmer to hold data temporarily.
TXRDY operation
In mode 0, TXRDY is asserted (low) when the transmit FIFO is empty; it is released (high) when the FIFO
contains at least one byte. In this way, the FIFO is written with 16 bytes when TXRDY is asserted (low).
In mode 1, TXRDY is asserted (low) when the transmit FIFO is not full; in this mode, the transmit FIFO is written
with another byte when TXRDY is asserted (low).
Driver
Optional
Driver
External
Clock
Optional
Clock
Output
Oscillator Clock
to Baud
Generator Logic
VCC
Crystal
Oscillator Clock
to Baud
Generator Logic
RX2
VCC
C1
RP
C2
XTAL1
XTAL1
XTAL2
XTAL2
TYPICAL CRYSTAL OSCILLATOR NETWORK
CRYSTAL
RP
RX2
C1
C2
3.1 MHz
1 M
Ω
1.5 k
Ω
10 − 30 pF
40 − 60 pF
1.8 MHz
1 M
Ω
1.5 k
Ω
10 − 30 pF
40 − 60 pF
Figure 24. Typical Clock Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com