công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16CP554APM bảng dữ liệu(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL16CP554APM
Giải thích chi tiết về linh kiện  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16CP554APM bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button TL16CP554APM Datasheet HTML 25Page - Texas Instruments TL16CP554APM Datasheet HTML 26Page - Texas Instruments TL16CP554APM Datasheet HTML 27Page - Texas Instruments TL16CP554APM Datasheet HTML 28Page - Texas Instruments TL16CP554APM Datasheet HTML 29Page - Texas Instruments TL16CP554APM Datasheet HTML 30Page - Texas Instruments TL16CP554APM Datasheet HTML 31Page - Texas Instruments TL16CP554APM Datasheet HTML 32Page - Texas Instruments TL16CP554APM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
modem-status register (MSR) (continued)
D Bit 6: MSR6 is the ring indicator (RI) bit. RI is the complement of the RIx inputs. When the channel is in the
loop mode (MCR4 is set), MSR6 reflects the value of OUT1 in the MCR.
D Bit 7: MSR7 is the data carrier detect (DCD) bit. Data carrier detect indicates the status of the data carrier
detect (DCD) input. When the channel is in the loop mode (MCR4 is set), MSR7 reflects the value of OUT2
in the MCR.
Reading the MSR clears the delta modem status indicators but has no effect on the other status bits. For LSR
and MSR, the setting of status bits is inhibited during status register read operations. If a status condition is
generated during a read IOR operation, the status bit is not set until the trailing edge of the read. When a status
bit is set during a read operation and the same status condition occurs, that status bit is cleared at the trailing
edge of the read instead of being set again. In the loopback mode, CTS, DSR, RI, and DCD inputs are ignored
when modem-status interrupts are enabled; however, a modem-status interrupt can still be generated by writing
to MCR3 −MCR0. Applications software should not write to the MSR.
Table 8. Modem-Status Register BIts
MSR BIT
MNEMONIC
DESCRIPTION
MSR0
ΔCTS
Delta clear to send
MSR1
ΔDSR
Delta data set ready
MSR2
TERI
Trailing edge of ring indicator
MSR3
ΔDCD
Delta data carrier detect
MSR4
CTS
Clear to send
MSR5
DSR
Data set ready
MSR6
RI
Ring indicator
MSR7
DCD
Data carrier detect
programming
The serial channel of the ACE is programmed by control registers LCR, IER, DLL, DLM, MCR, and FCR. These
control words define the character length, number of stop bits, parity, baud rate, and modem interface.
While the control registers can be written in any order, the IER should be written last because it controls the
interrupt enables. Once the serial channel is programmed and operational, these registers can be updated any
time the ACE serial channel is not transmitting or receiving data.
programmable baud-rate generator
The ACE serial channel contains a programmable baud-rate generator (BRG) that divides the clock (dc to
8 MHz) by any divisor from 1 to 216 −1. Two 8-bit divisor-latch registers store the divisor in a 16-bit binary format.
These divisor-latch registers must be loaded during initialization. A 16-bit baud counter is immediately loaded
upon loading of either of the divisor latches. This prevents long counts on initial load. The BRG can use any of
three different popular frequencies to provide standard baud rates. These frequencies are 1.8432 MHz,
3.072 MHz, 8 MHz, and 16 MHz. With these frequencies, standard bit rates from 50 kbps to 512 kbps are
available. Tables 9, 10, 11, and 12 illustrate the divisors needed to obtain standard rates using these three
frequencies. The output frequency of the baud-rate generator is 16 times the data rate [divisor # = clock + (baud
rate
× 16)]. RCLK runs at this frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com