công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC0832CCWMX/NOPB bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC0832CCWMX/NOPB
Giải thích chi tiết về linh kiện  8-Bit Serial I/O A/D Converters with Multiplexer Options
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC0832CCWMX/NOPB bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button ADC0832CCWMX/NOPB Datasheet HTML 12Page - Texas Instruments ADC0832CCWMX/NOPB Datasheet HTML 13Page - Texas Instruments ADC0832CCWMX/NOPB Datasheet HTML 14Page - Texas Instruments ADC0832CCWMX/NOPB Datasheet HTML 15Page - Texas Instruments ADC0832CCWMX/NOPB Datasheet HTML 16Page - Texas Instruments ADC0832CCWMX/NOPB Datasheet HTML 17Page - Texas Instruments ADC0832CCWMX/NOPB Datasheet HTML 18Page - Texas Instruments ADC0832CCWMX/NOPB Datasheet HTML 19Page - Texas Instruments ADC0832CCWMX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N
SNAS531B – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
7. After 8 clock periods the conversion is completed. The SAR status line returns low to indicate this ½ clock
cycle later.
8. If the programmer prefers, the data can be provided in an LSB first format [this makes use of the shift enable
(SE) control line]. All 8 bits of the result are stored in an output shift register. On devices which do not include the
SE control line, the data, LSB first, is automatically shifted out the DO line, after the MSB first data stream. The
DO line then goes low and stays low until CS is returned high. On the ADC0838-N the SE line is brought out and
if held high, the value of the LSB remains valid on the DO line. When SE is forced low, the data is then clocked
out LSB first. The ADC0831-N is an exception in that its data is only output in MSB first format.
9. All internal registers are cleared when the CS line is high. If another conversion is desired, CS must make a
high to low transition followed by address information.
The DI and DO lines can be tied together and controlled through a bidirectional processor I/O bit with one wire.
This is possible because the DI input is only “looked-at” during the MUX addressing interval while the DO line is
still in a high impedance state.
Reference Considerations
The voltage applied to the reference input to these converters defines the voltage span of the analog input (the
difference between VIN(MAX) and VIN(MIN)) over which the 256 possible output codes apply. The devices can be
used in either ratiometric applications or in systems requiring absolute accuracy. The reference pin must be
connected to a voltage source capable of driving the reference input resistance of typically 3.5 k
Ω. This pin is the
top of a resistor divider string used for the successive approximation conversion.
In a ratiometric system, the analog input voltage is proportional to the voltage used for the A/D reference. This
voltage is typically the system power supply, so the VREF pin can be tied to VCC (done internally on the ADC0832-
N). This technique relaxes the stability requirements of the system reference as the analog input and A/D
reference move together maintaining the same output code for a given input condition.
For absolute accuracy, where the analog input varies between very specific voltage limits, the reference pin can
be biased with a time and temperature stable voltage source. The LM385 and LM336 reference diodes are good
low current devices to use with these converters.
The maximum value of the reference is limited to the VCC supply voltage. The minimum value, however, can be
quite small (see Typical Performance Characteristics) to allow direct conversions of transducer outputs providing
less than a 5V output span. Particular care must be taken with regard to noise pickup, circuit layout and system
error voltage sources when operating with a reduced span due to the increased sensitivity of the converter (1
LSB equals VREF/256).
a) Ratiometric
b) Absolute with a reduced Span
Figure 23. Reference Examples
16
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0831-N ADC0832-N ADC0834-N ADC0838-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com