| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT45F4M bảng dữ liệu(PDF) 7 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F4M bảng dữ liệu(HTML) 7 Page - Holtek Semiconductor Inc |
|
7 / 138 page ![]() Rev. 1.10 6 �an�a�� 1�� �01� Rev. 1.10 7 �an�a�� 1�� �01� HT45F4M Lithium Battery Backup Power ASSP MCU HT45F4M Lithium Battery Backup Power ASSP MCU General Description ThedeviceisaFlashMemorytype8-bithighperformanceRISCarchitecturemicrocontroller. OfferinguserstheconvenienceofFlashMemorymulti-programmingfeatures,thisdevicealso includesawiderangeoffunctionsandfeatures.OthermemoryincludesanareaofRAMData MemoryaswellasanareaofEEPROMmemoryforstorageofnon-volatiledatasuchasserial numbers,calibrationdataetc. Analogfeaturesincludeamulti-channel12-bitA/Dconverter,anovervoltageprotectionfunction, anovercurrentprotectionfunction.MultipleandextremelyflexibleTimerModulesprovidetiming, pulsegenerationandPWMgenerationfunctions.ProtectivefeaturessuchasaninternalWatchdog Timer,LowVoltageResetandLowVoltageDetectorcoupledwithexcellentnoiseimmunityand ESDprotectionensurethatreliableoperationismaintainedinhostileelectricalenvironments. AfullchoiceofHIRCandLIRCoscillatorfunctionsareprovidedincludingafullyintegrated systemoscillatorwhichrequiresnoexternalcomponentsforitsimplementation.Theabilityto operateandswitchdynamicallybetweenarangeofoperatingmodesusingdifferentclocksources givesuserstheabilitytooptimisemicrocontrolleroperationandminimizepowerconsumption. TheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctionsalongwithmanyother featuresensurethatthedevicewillfindexcellentuseinapplicationssuchaselectronicmetering, environmentalmonitoring,handheldinstruments,householdappliances,electronicallycontrolled tools,motordrivinginadditiontomanyothers. Block Diagram Fl as h/ EEPR OM Pr ogr a mmi ng Ci rc ui tr y Wa tc hdog Ti me r 8- bi t RI S C MC U Co re In te r nal Re se t C ir cu it In te rr up t Co nt ro lle r 12 -B it A /D Co nv er te r In te r nal R C Os ci lla to r EEPR OM Da ta Me mo ry Fl as h Pr og ra m Me mo ry RA M Da ta Me mo ry OV P Lo w Vo lt ag e Re se t Lo w Vo lt ag e De te ct I/ O Ti me r M odu le s Ti me Ba se OC P S ta ck |