| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR1011T-I/SS bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1011T-I/SS bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 70 page ![]() AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER DS41393B-page 14 Preliminary 2009-2012 Microchip Technology Inc. 3.5 8-Wire Touch Sensor Interface Sensor tail pinouts can vary by manufacturer and part number. Ensure both sensor tail pins for one sensor axis (layer) are connected to the controller’s X-/X+ pins and the tail pins for the other sensor axis (layer) are connected to the controller’s Y-/Y+ pins. The controller’s X-/X+ and Y-/Y+ pin pairs do not need to connect to a specific sensor axis. The orientation of controller pins X- and X+ to the two sides of a given sensor axis is not important. Likewise, the orientation of controller pins Y- and Y+ to the two sides of the other sensor axis is not important. The 8-wire sensor differs from a 4-wire sensor in that each edge of an 8-wire sensor has a secondary connection brought to the sensor’s tail. These secondary connections are referred to as “sense” lines. The controller pins associated with the sense line for an 8-wire sensor contain an ‘S’ prefix in their respective names. For example, the SY- pin is the sense line connection associated with the main Y- pin connection. Consult with the sensor manufacturer’s specification to determine which member of each edge connected pair is the special 8-wire “sense” connection. Incorrectly connecting the sense and excite lines to the controller will adversely affect performance. The controller requires that the main and “sense” tail pin pairs for sensor edges be connected to controller pin pairs as follows: • Y- and SY- • Y+ and SY+ • X- and 5WSX- • X+ and SX+ Connections to a 8-wire touch sensor are shown in Figure 3-4 below. FIGURE 3-4: 8-WIRE TOUCH SENSOR INTERFACE See Section 3.8 “ESD Considerations” and Section 3.9 “Noise Considerations” for important information regarding the capacitance of the controller schematic hardware. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |