| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR1011T-I/SS bảng dữ liệu(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1011T-I/SS bảng dữ liệu(HTML) 9 Page - Microchip Technology |
|
9 / 70 page ![]() 2009-2012 Microchip Technology Inc. Preliminary DS41393B-page 9 AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER 2.4 8-Wire Sensor An 8-wire resistive touch sensor consists of a stable and flex layer, electrically separated by spacer dots. The layers are assembled perpendicular to each other. The touch position is determined by first applying a voltage gradient across the flex layer and using the stable layer to measure the flex layer’s touch position voltage. The second step is applying a voltage gradient across the stable layer and using the flex layer to measure the stable layer’s touch position voltage. The measured voltage at any position across a driven axis is predictable. A touch moving in the direction of the driven axis will yield a linearly changing voltage. A touch moving perpendicular to the driven axis will yield a relatively unchanging voltage. The basic decoding of an 8-wire sensor is similar to a 4-wire. The difference is that an 8-wire sensor has four additional interconnects used to reference sensor voltage back to the controller. A touch system may experience voltage losses due to resistance changes in the bus bars and connection between the controller and sensor. The losses can vary with product use, temperature, and humidity. In a 4-wire sensor, variations in the losses manifest them- selves as error or drift in the reported touch location. The four additional sense lines found on 8-wire sensors are added to dynamically reference the voltage to cor- rect for this fluctuation during use (See Figure 2-2). FIGURE 2-2: 8-WIRE DECODING |