| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F303VCT6 bảng dữ liệu(PDF) 131 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VCT6 bảng dữ liệu(HTML) 131 Page - STMicroelectronics |
|
131 / 132 page ![]() DocID023353 Rev 6 131/132 STM32F302xx/STM32F303xx Revision history 131 08-Jan-2013 5 Updated Vhys and Ilkg in Table 52: I/O static characteristics. Updated VIL(NRST), VIH(NRST), and VNF(NRST) in Table 55: NRST pin characteristics. Updated Table 68: ADC accuracy - limited test conditions and Table 64: ADC accuracy - limited test conditions 2). 24-Jun-2013 6 Replaced Cortex-M4F with Cortex M4 with FPU Updated Core, Memories and SPI bullet points in Features Removed 8KB CCM SRAM from STM32F302xx devices, updated Figure 1: STM32F302xB/STM32F302xC block diagram and Table 2: STM32F302xx/STM32F303xx family device features and peripheral counts Updated Section 3.4: Embedded SRAM Added VREF+ in Section 3.13: Digital-to-analog converter (DAC) Removed DMA support for UART5 in Table 6: USART features Added ‘reference clock detection’ bullet in Section 3.17: Real-time clock (RTC) and backup registers Added paragraph ‘The touch sensing controller is fully...’ in Section 3.25: Touch sensing controller (TSC) Updated Comparison of I2C analog and digital filters Updated Section 3.9: General-purpose input/outputs (GPIOs) Added ‘EVENTOUT’ in Table 11: STM32F302xx/STM32F303xx pin definitions and added note to ‘VREF+’ pin Updated ΣIVDD in Table 20: Current characteristics and Output driving current Updated Table 59: I2C timings specification (see I2C specification, rev.03, June 2007) and Figure 25: I2C bus AC waveforms and measurement circuit Added VREF+ row to Table 66: ADC characteristics, replaced VDDA with VREF+, updated tconv and added note to ‘conversion voltage range Added VREF+ row to Table 70: DAC characteristics and replaced VDDA with VREF+ Added ‘PGA BW’ and ‘en’ in Table 72: Operational amplifier characteristics Table 81. Document revision history Date Revision Changes |