công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM555CMM/NOPB bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM555CMM/NOPB
Giải thích chi tiết về linh kiện  Timing from Microseconds through Hours
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM555CMM/NOPB bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM555CMM/NOPB Datasheet HTML 4Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 5Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 6Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 7Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 8Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 9Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 10Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 11Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LM555
SNAS548C – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
Figure 14. Time Delay
ASTABLE OPERATION
If the circuit is connected as shown in Figure 15 (pins 2 and 6 connected) it will trigger itself and free run as a
multivibrator. The external capacitor charges through RA + RB and discharges through RB. Thus the duty cycle
may be precisely set by the ratio of these two resistors.
Figure 15. Astable
In this mode of operation, the capacitor charges and discharges between 1/3 VCC and 2/3 VCC. As in the
triggered mode, the charge and discharge times, and therefore the frequency are independent of the supply
voltage.
Figure 16 shows the waveforms generated in this mode of operation.
VCC = 5V
Top Trace: Output 5V/Div.
TIME = 20
μs/DIV.
Bottom Trace: Capacitor Voltage 1V/Div.
RA = 3.9kΩ
RB = 3kΩ
C = 0.01
μF
Figure 16. Astable Waveforms
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com