| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN8710AI bảng dữ liệu(PDF) 73 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN8710AI bảng dữ liệu(HTML) 73 Page - SMSC Corporation |
|
73 / 82 page ![]() Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology Datasheet SMSC LAN8710A/LAN8710Ai 73 Revision 1.4 (08-23-12) DATASHEET 5.5.4 MII Interface Timing This section specifies the MII interface transmit and receive timing. Please refer to Section 3.4.1, "MII," on page 30 for additional details. Note 5.15 40ns for 100BASE-TX operation, 400ns for 10BASE-T operation. Note 5.16 Timing was designed for system load between 10 pf and 25 pf. Figure 5.4 MII Receive Timing Table 5.8 MII Receive Timing Values SYMBOL DESCRIPTION MIN MAX UNITS NOTES tclkp RXCLK period Note 5.15 ns tclkh RXCLK high time tclkp*0.4 tclkp*0.6 ns tclkl RXCLK low time tclkp*0.4 tclkp*0.6 ns tval RXD[3:0], RXDV output valid from rising edge of RXCLK 28.0 ns Note 5.16 thold RXD[3:0], RXDV output hold from rising edge of RXCLK 10.0 ns Note 5.16 RXCLK RXD[3:0] RXDV tclkh tclkl tclkp tval thold tval tval thold |