| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN8710AI bảng dữ liệu(PDF) 63 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN8710AI bảng dữ liệu(HTML) 63 Page - SMSC Corporation |
|
63 / 82 page ![]() Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology Datasheet SMSC LAN8710A/LAN8710Ai 63 Revision 1.4 (08-23-12) DATASHEET 4.2.12 Interrupt Source Flag Register Index (In Decimal): 29 Size: 16 bits BITS DESCRIPTION TYPE DEFAULT 15:8 RESERVED RO - 7 INT7 0 = not source of interrupt 1 = ENERGYON generated RO/LH 0b 6 INT6 0 = not source of interrupt 1 = Auto-Negotiation complete RO/LH 0b 5 INT5 0 = not source of interrupt 1 = Remote Fault Detected RO/LH 0b 4 INT4 0 = not source of interrupt 1 = Link Down (link status negated) RO/LH 0b 3 INT3 0 = not source of interrupt 1 = Auto-Negotiation LP Acknowledge RO/LH 0b 2 INT2 0 = not source of interrupt 1 = Parallel Detection Fault RO/LH 0b 1 INT1 0 = not source of interrupt 1 = Auto-Negotiation Page Received RO/LH 0b 0 RESERVED RO 0b |