| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PF752G bảng dữ liệu(PDF) 49 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
PF752G bảng dữ liệu(HTML) 49 Page - Aavid, Thermal Division of Boyd Corporation |
|
49 / 116 page ![]() 49 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com TO-220 Heat Sinks ORDERING INFORMATION 5425 Space saving staggered fin heat sink Space saving staggered fin heat sink for vertical mounting TO-220 devices. Features integrated solderable mounting tabs that can be twisted for attachment to the PC board. Heat sink is also available with tin plating for soldering directly to the PC board. 22.22 (0.875) 10.67 (0.420) 1.57 (0.062) 17.78 (0.700) 6.35 (0.250) 19.56 (0.770) 31.75 (1.250) 3.96 (0.156) THRU 3.17 (0.125) 8.89 (0.350) ø 1.27 (0.050) Air Velocity—Feet Per Minute Heat Dissipated—Watts 20 0 20 40 60 80 100 0 1 2 3 4 5 16 12 4 8 0 0 400 200 600 800 1000 22.20 (0.875) 3.17 (0.125) THRU 31.75 (1.250) 19.56 (0.770) 6.35 (0.250) 1.91 (0.075) 2x 5.03 (0.198) 17.78 (0.700) ø CL Air Velocity—Feet Per Minute Heat Dissipated—Watts 20 0 20 40 60 80 100 0 1 2 3 4 5 16 12 4 8 0 0 400 200 600 800 1000 Space savings twisted fin heat sink for vertical mounting TO-220 devices. Features staked on solderable mounting tabs for easy attachment to the PC board. 5925 Space saving twisted fin heat sink Material: 1.27 (0.050) Thick Aluminum Finish: See Table Material: 1.27 (0.050) Thick Aluminum Finish: See Table ORDERING INFORMATION Part Number Finish 592502B03400G Black anodize 2.39 (0.094) 592502U03400G Unfinished 2.39 (0.094) Dia of PCB Plated Thru Hole for Tabs Part Number Finish 542502B00000G Black anodize 2.39 (0.094) 542502D00000G Tin plated 2.39 (0.094) Dia of PCB Plated Thru Hole for Tabs For additional options see page 82 For additional options see page 82 Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 |