công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PF752G bảng dữ liệu(PDF) 46 Page - Aavid, Thermal Division of Boyd Corporation

tên linh kiện PF752G
Giải thích chi tiết về linh kiện  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AAVID [Aavid, Thermal Division of Boyd Corporation]
Trang chủ  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

PF752G bảng dữ liệu(HTML) 46 Page - Aavid, Thermal Division of Boyd Corporation

Back Button PF752G Datasheet HTML 42Page - Aavid, Thermal Division of Boyd Corporation PF752G Datasheet HTML 43Page - Aavid, Thermal Division of Boyd Corporation PF752G Datasheet HTML 44Page - Aavid, Thermal Division of Boyd Corporation PF752G Datasheet HTML 45Page - Aavid, Thermal Division of Boyd Corporation PF752G Datasheet HTML 46Page - Aavid, Thermal Division of Boyd Corporation PF752G Datasheet HTML 47Page - Aavid, Thermal Division of Boyd Corporation PF752G Datasheet HTML 48Page - Aavid, Thermal Division of Boyd Corporation PF752G Datasheet HTML 49Page - Aavid, Thermal Division of Boyd Corporation PF752G Datasheet HTML 50Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
46
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
5751, 5793, 5794
Snap down style heat sink featuring two side fins
Snap down style heat sink features
two side fins that act as springs
to hold the semiconductor firmly
to the heat sink. Models include an
integrated clip and device locking
catch for more robust applications.
Available for both standard and
bevel edged TO-220 packages.
Part Number
Description
Figure
575102B00000G
Snap down heat sink
A
579302B00000G
With integrated clip and locking catch
B
579402B00000G
With integrated clip and locking catch
B
for TO-220 with beveled edge
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
579302
579402
TO-220 Heat Sinks
19.05
(0.750)
12.32
(0.485)
14.22
(0.560)
3.81
(0.150)
28.45
(1.120)
THRU
ø
11.18
(0.440)
11.18
(0.440)
11.18
(0.440)
"A"
"A"
579302
19.05
(0.750)
24.89
(0.980)
579402
3.15
(0.124)
LOCKING CATCH
View A-A
View A-A
ø
FIGURE A
FIGURE B
Material: 0.63 (0.025) Thick Aluminum
Finish: Black Anodize
For additional options see page 82
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
575102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More