công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

dsPIC33FJ64GS606 bảng dữ liệu(PDF) 79 Page - Microchip Technology

tên linh kiện dsPIC33FJ64GS606
Giải thích chi tiết về linh kiện  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS606 bảng dữ liệu(HTML) 79 Page - Microchip Technology

Back Button dsPIC33FJ64GS606 Datasheet HTML 75Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 76Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 77Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 78Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 79Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 80Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 81Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 82Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 456 page
background image
TABLE 4-25:
HIGH-SPEED PWM GENERATOR 9 REGISTER MAP FOR dsPIC33FJ32GS610 AND dsPIC33FJ64GS610 DEVICES
File Name
SFR
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PWMCON9
0520
FLTSTAT
CLSTAT TRGSTAT
FLTIEN
CLIEN
TRGIEN
ITB
MDCS
DTC<1:0>
DTCP
—
MTBS
CAM
XPRES
IUE
0000
IOCON9
0522
PENH
PENL
POLH
POLL
PMOD<1:0>
OVRENH OVRENL
OVRDAT<1:0>
FLTDAT<1:0>
CLDAT<1:0>
SWAP
OSYNC
0000
FCLCON9
0524
IFLTMOD
CLSRC<4:0>
CLPOL
CLMOD
FLTSRC<4:0>
FLTPOL
FLTMOD<1:0>
0000
PDC9
0526
PDC9<15:0>
0000
PHASE9
0528
PHASE9<15:0>
0000
DTR9
052A
—
—
DTR9<13:0>
0000
ALTDTR9
052A
—
—
ALTDTR9<13:0>
0000
SDC9
052E
SDC9<15:0>
0000
SPHASE9
0530
SPHASE9<15:0>
0000
TRIG9
0532
TRGCMP<15:3>
—
—
—
0000
TRGCON9
0534
TRGDIV<3:0>
—
—
—
—DTM
—TRGSTRT<5:0>
0000
STRIG9
0536
STRGCMP<15:3>
—
—
—
0000
PWMCAP9
0538
PWMCAP9<15:3>
—
—
—
0000
LEBCON9
053A
PHR
PHF
PLR
PLF
FLTLEBEN CLLEBEN
—
—
—
—
BCH
BCL
BPHH
BPHL
BPLH
BPLL
0000
LEBDLY9
053C
—
—
—
—
LEB<11:3>
—
—
—
0000
AUXCON9
053E
HRPDIS
HRDDIS
—
—
BLANKSEL<3:0>
—
—
CHOPSEL<3:0>
CHOPHEN CHOPLEN
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-26:
I2C1 REGISTER MAP
File Name
SFR
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
I2C1RCV
0200
—
—
—
—
—
—
—
—
Receive Register
0000
I2C1TRN
0202
—
—
—
—
—
—
—
—
Transmit Register
00FF
I2C1BRG
0204
—
—
—
—
—
—
—
Baud Rate Generator Register
0000
I2C1CON
0206
I2CEN
—
I2CSIDL SCLREL
IPMIEN
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
1000
I2C1STAT
0208
ACKSTAT TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D_A
P
S
R_W
RBF
TBF
0000
I2C1ADD
020A
—
—
—
—
—
—
Address Register
0000
I2C1MSK
020C
—
—
—
—
—
—
Address Mask Register
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com